Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSUSB30 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSUSB30
Description  Low Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSUSB30 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSUSB30 Datasheet HTML 1Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 2Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 3Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 4Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 5Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 6Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 7Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 8Page - Fairchild Semiconductor FSUSB30 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
www.fairchildsemi.com
FSUSB30 Rev. 1.0.1
DC Electrical Characteristics
(All typical values are @ 25°C unless otherwise specified.)
AC Electrical Characteristics
(All typical values are for VCC = 3.3V @ 25°C unless otherwise specified.)
Notes:
3. Measured by the voltage drop between Dn, HSD1n, HSD2n pins at the indicated current through the switch.
On Resistance is determined by the lower of the voltage on the two ports.
4. Guaranteed by characterization.
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Min
Typ
Max
VIK
Clamp Diode Voltage
IIN = −18mA
3.0
−1.2
V
VIH
Input Voltage HIGH
3.0 to 3.6
1.3
V
4.3
1.7
V
VIL
Input Voltage LOW
3.0 to 3.6
0.5
V
4.3
0.7
V
IIN
Control Input Leakage
VSW = 0.0V to VCC
4.3
−1.0
1.0
µA
IOZ
OFF State Leakage
0
≤ Dn, HSD1
n, HSD2n ≤ VCC
4.3
−2.0
2.0
µA
IOFF
Power OFF Leakage
Current (D+, D–)
VSW = 0V to 4.3V, VCC = 0V
0
-2.0
2.0
µA
RON
Switch On Resistance3
VSW = 0.8V, ION = −8mA
3.0
6.5
9.0
∆R
ON
Delta RON
4
VSW = 0.8V, ION = −8mA
3.0
0.35
RON Flatness
RON Flatness
3
VSW = 0.0V − 1.0V,
ION = −8mA
3.0
2.0
ICC
Quiescent Supply
Current
VCNTRL = 0.0V or VCC,
IOUT = 0
4.3
1.0
µA
ICCT
Increase in ICC Current
per Control Voltage
VCNTRL (control input) = 2.6V
4.3
10.0
µA
Symbol
Parameter
Conditions
VCC (V)
TA = −40°C to +85°C
Units
Figure
Number
Min
Typ
Max
tON
Turn On Time S,
OE to Output
HD1n, HD2n = 0.8V,
RL = 50Ω, CL = 5pF
3.0 to 3.6
13.0
30.0
ns
Figure 8
tOFF
Turn OFF Time S,
OE to Output
HD1n, HD2n = 0.8V,
RL = 50Ω, CL = 5pF
3.0 to 3.6
12.0
25.0
ns
Figure 8
tPD
Propagation Delay4
RL = 50Ω, CL = 5pF
3.3
0.25
ns
Figure 6
Figure 7
TBBM
Break-Before-Make
RL = 50Ω, CL = 5pF,
VIN = 0.8V
3.0 to 3.6
2.0
6.5
ns
Figure 9
OIRR
OFF Isolation
(Non-Adjacent)
f = 240MHz, RT = 50Ω
3.0 to 3.6
−30.0
dB
Figure 12
Xtalk
Non-Adjacent Channel
Crosstalk
RT = 50Ω, f = 240MHz
3.0 to 3.6
−45.0
dB
Figure 13
BW
−3dB Bandwidth
RT = 50Ω, CL = 0pF
3.0 to 3.6
720
MHz
Figure 11
RT = 50Ω, CL = 5pF
550


Similar Part No. - FSUSB30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30 FAIRCHILD-FSUSB30 Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
ON Semiconductor
FSUSB30 ONSEMI-FSUSB30 Datasheet
750Kb / 19P
   Low-Power, Two-Port, High-Speed USB 2.0 Switch
April 2013 Rev. 1.1.8
logo
Fairchild Semiconductor
FSUSB30BQX FAIRCHILD-FSUSB30BQX Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB30BQX FAIRCHILD-FSUSB30BQX Datasheet
1Mb / 18P
   Low-Power, Two-Port, High-Speed USB 2.0 (480Mbps) Switch
More results

Similar Description - FSUSB30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSUSB30 FAIRCHILD-FSUSB30_07 Datasheet
941Kb / 20P
   Low-Power 2-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22_0506 FAIRCHILD-FSUSB22_0506 Datasheet
833Kb / 11P
   Low Power 2 Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB31 FAIRCHILD-FSUSB31_07 Datasheet
726Kb / 15P
   Low-Power 1-Port Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23 Datasheet
334Kb / 12P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB23 FAIRCHILD-FSUSB23_06 Datasheet
939Kb / 16P
   Low Power Hi-Speed USB 2.0 (480Mbps) Switch
FSUSB22 FAIRCHILD-FSUSB22_08 Datasheet
552Kb / 12P
   Low-Power, 2-Port, High-Speed USB 2.0 (480Mbps) Switch
logo
Integrated Device Techn...
IDTUS8030 IDT-IDTUS8030 Datasheet
264Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
IDTUS8031 IDT-IDTUS8031 Datasheet
322Kb / 16P
   LOW POWER DUAL SPST HI-SPEED USB 2.0 (480MBPS) SWITCH
logo
Fairchild Semiconductor
FSUSB31 FAIRCHILD-FSUSB31 Datasheet
690Kb / 14P
   Low Power Dual SPST Hi-Speed USB 2.0 (480Mbps) Switch
logo
Renesas Technology Corp
US8030 RENESAS-US8030 Datasheet
263Kb / 13P
   LOW POWER DUAL SPDT HI-SPEED USB 2.0 (480MBPS) SWITCH
REV F 082108
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com