Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DW9249 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # DW9249
Description  112.32MHz SAW IF Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

DW9249 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  DW9249 Datasheet HTML 1Page - Mitel Networks Corporation DW9249 Datasheet HTML 2Page - Mitel Networks Corporation DW9249 Datasheet HTML 3Page - Mitel Networks Corporation DW9249 Datasheet HTML 4Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DW9249
2
ELECTRICAL CHARACTERISTICS @ 25°C
Parameter
Typ
Units
Centre Frequency (FO)
112.320
MHz
-3dB Bandwidth
±720
±576
KHz
Group Delay Ripple (FO±576kHZ)
±80
±100 (Max)
ns
Insertion Loss
15
16 (Max)
dB
Stopband Attenuation:
FO ±1.152MHz
20
>15
dB
FO ±1.728MHz
40
>30
dB
FO ±3.556MHz
45
>40
dB
FO ±5MHz
50
>45
dB
Amplitude Ripple (pk to pk)
±0.4
±0.6
dB
Operating Temperature Range
-20 to +85
°C
GPS reserves the right to modify these ‘datasheets’ when
necessary to provide optimum performance and cost.
0dB
-10dB
-20dB
-30dB
-40dB
-50dB
-60dB
Typical Response of DW9249


Similar Part No. - DW9249

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
DW9255 MITEL-DW9255 Datasheet
34Kb / 5P
   35.42MHz SAW Filter for GPS Receivers
DW9256 MITEL-DW9256 Datasheet
99Kb / 4P
   133MHZ SAW Filter
DW9268 MITEL-DW9268 Datasheet
101Kb / 4P
   240.192MHz IF SAW Filter Advance Information
More results

Similar Description - DW9249

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB112EE TAI-SAW-TB112EE Datasheet
279Kb / 5P
   SAW IF Filter 112.32MHz
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
B1709 EPCOS-B1709 Datasheet
101Kb / 10P
   SAW IF filter
X3402 EPCOS-X3402 Datasheet
251Kb / 9P
   SAW IF filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com