Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3358SH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN3358SH
Description  2-head recording and playback amplifier IC for 8 mm video camera
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3358SH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN3358SH Datasheet HTML 1Page - Panasonic Semiconductor AN3358SH Datasheet HTML 2Page - Panasonic Semiconductor AN3358SH Datasheet HTML 3Page - Panasonic Semiconductor AN3358SH Datasheet HTML 4Page - Panasonic Semiconductor AN3358SH Datasheet HTML 5Page - Panasonic Semiconductor AN3358SH Datasheet HTML 6Page - Panasonic Semiconductor AN3358SH Datasheet HTML 7Page - Panasonic Semiconductor AN3358SH Datasheet HTML 8Page - Panasonic Semiconductor AN3358SH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AN3358SH
ICs for VCR
2
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is for the IC package in free air at Ta = 70°C.
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6V
Supply current
ICC
?
mA
Power dissipation *2
PD
201
mW
Operating ambient temperature*1
Topr
?20 to +70
°C
Storage temperature*1
Tstg
?55 to +125
°C
s Pin Descriptions
Pin No.
Description
1
HSW changeover pin
2
PB/REC changeover pin
3
Mute/REC changeover pin
4
ch.1 head amp. damping pin
5
ch.1 head amp. input pin
6
Small signal GND
7
REC curr. amp. output pin
8
ch.2 head amp. input pin
9
ch.2 head amp. damping pin
10
V-reg out.ch.2 pin
11
V-reg out.ch.1 pin
12
Main VCC
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V
Pin No.
Description
13
Capacitor pin for V-Reg.
14
REC curr. amp. input pin
15
ATF output pin
16
Y-output pin
17
Main GND
18
AGC input pin
19
AGC det pin
20
AGC output pin
21
DOC input pin
22
DOC det pin
23
DOC output pin
24
DOC level control pin
s Absolute Maximum Ratings
s Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REC circuit current
I12REC
VCC = 5 V
29
(41)
53
mA
Recording current output
I7
VCC = 5 V,VIN = 200 mV[p-p],
31
(44)
57
mA[p-p]
f
= 5 MHz
PB/REC
V2REC
VCC = 5 V, pin 2 potential
0
?
1.5
V
REC mode hold voltage
measurement
Mute/REC
V3REC
VCC = 5 V, pin 3 potential
0
?
1.5
V
REC mode hold voltage
measurement
Mute/REC
V3Mute
VCC = 5 V, pin 3 potential
3.5
?
5V
Mute mode hold voltage
measurement
PB circuit current
I12PB
VCC = 5 V
12
(17)
22
mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn