Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3358SH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN3358SH
Description  2-head recording and playback amplifier IC for 8 mm video camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3358SH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN3358SH Datasheet HTML 1Page - Panasonic Semiconductor AN3358SH Datasheet HTML 2Page - Panasonic Semiconductor AN3358SH Datasheet HTML 3Page - Panasonic Semiconductor AN3358SH Datasheet HTML 4Page - Panasonic Semiconductor AN3358SH Datasheet HTML 5Page - Panasonic Semiconductor AN3358SH Datasheet HTML 6Page - Panasonic Semiconductor AN3358SH Datasheet HTML 7Page - Panasonic Semiconductor AN3358SH Datasheet HTML 8Page - Panasonic Semiconductor AN3358SH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ICs for VCR
1
AN3358SH
2-head recording and playback amplifier IC for 8 mm video camera
s Overview
The AN3358SH is a recording and playback ampli-
fier IC for 8 mm video camera of 2-head large diameter
cylinder, and encapsulated in a small SO package of 24
pins and 0.5 mm pitch.
s Features
• 2-channel playback head amp
• 2-channel recording amp (collector open type
with a single pin output)
• RF-AGC
• Pulse generator for drop out compensation
(DOC)
• Supply voltage: 5 V ± 0.5 V
Small SO package of 0.5 mm pitch (SSOP-24D)
s Applications
8 mm video camera
SSOP024-P-0300A
Unit: mm
s Block Diagram
Det
HL
ch.2
ch.1
Diff
Buff.
Reg
LOGIC
Det
6.5
± 0.3
112
24
13
0.50
(0.50)
Seating plane
Seating plane
0.2
± 0.1
(0.50)
0
° to 10°


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn