Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3358SH Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN3358SH
Description  2-head recording and playback amplifier IC for 8 mm video camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3358SH Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN3358SH Datasheet HTML 1Page - Panasonic Semiconductor AN3358SH Datasheet HTML 2Page - Panasonic Semiconductor AN3358SH Datasheet HTML 3Page - Panasonic Semiconductor AN3358SH Datasheet HTML 4Page - Panasonic Semiconductor AN3358SH Datasheet HTML 5Page - Panasonic Semiconductor AN3358SH Datasheet HTML 6Page - Panasonic Semiconductor AN3358SH Datasheet HTML 7Page - Panasonic Semiconductor AN3358SH Datasheet HTML 8Page - Panasonic Semiconductor AN3358SH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AN3358SH
ICs for VCR
4
Pin No.
Equivalent Circuit
Description
Pin Voltage
Remark
1
HSW
High: ch.1 output
Set the outputting
changeover pin
(Pin 5 input)
channel by pin 1.
Ch.1 is outputted at
open.
Low: ch.2 output
(Pin 8 input)
2
PB/REC
High: PB
PB and REC
changeover pin
Low: REC
modes are changed
by pin 2.
(or mute)
PB mode at open.
Select mute or
REC by pin 3.
3
Mute/REC
High: mute
Select mute or
changeover pin
Low: REC
REC by pin 3.
Mute mode at open.
4
ch.1 head amp.
damping pin
REC
2.1 V
Mute
1.4 V
PB
1.4 V
5
ch.1 head amp.
input pin
REC
GND
Mute
0.7 V
PB
0.7 V
s Terminal Equivalent Circuits
150
µA
30 k
30 k
23 k
2.5 V
V
CC
1
2.5 V
300
µA
V
CC
2
23 k
2.5 V
300
µA
V
CC
3
23 k
5
4.5 k
7.5 k
1.25 V
V
CC
4
5
4.5 k
7.5 k


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn