Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3358SH Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN3358SH
Description  2-head recording and playback amplifier IC for 8 mm video camera
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3358SH Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN3358SH Datasheet HTML 1Page - Panasonic Semiconductor AN3358SH Datasheet HTML 2Page - Panasonic Semiconductor AN3358SH Datasheet HTML 3Page - Panasonic Semiconductor AN3358SH Datasheet HTML 4Page - Panasonic Semiconductor AN3358SH Datasheet HTML 5Page - Panasonic Semiconductor AN3358SH Datasheet HTML 6Page - Panasonic Semiconductor AN3358SH Datasheet HTML 7Page - Panasonic Semiconductor AN3358SH Datasheet HTML 8Page - Panasonic Semiconductor AN3358SH Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ICs for VCR
AN3358SH
3
Note) The standard values in the parenthesis are the typical values and not the guaranteed ones.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
HSW DC unbalance
HSW
VCC = 5 V

100
mV[p-p]
ch.1 gain
G5-16
VCC = 5 V,
60
(64)
68
dB
pin 5 input: VIN = 0.3 mV[p-p]
f
= 5 MHz
ch.2 gain
G8-16
VCC = 5 V,
60
(64)
68
dB
pin 8 input: VIN = 0.3 mV[p-p]
f
= 5 MHz
Y-output/ATF output gain ratio
G5-16
VCC = 5 V,
−G
5-15
pin 5 input: VIN = 0.3 mV[p-p]
−2
(0)
2
dB
f
= 5 MHz
Input-referred noise ch.1
N5-16 /VCC = 5 V, 1 MHz BPF output is

1
µV[rms]
G5-16
divided by gain
Input-referred noise ch.2
N8-16 /VCC = 5 V, 1 MHz BPF output is

1
µV[rms]
G8-16
divided by gain
ATF output DC voltage
V15
VCC = 5 V
1.9
(2.3)
2.7
V
Y-output DC voltage
V16
VCC = 5 V
1.9
(2.3)
2.7
V
PB/REC PB mode hold voltage
V2PB
VCC = 5 V, pin 2 potential
3.5
5V
measurement
HSW high-level hold voltage
V1H
VCC = 5 V, pin 1 potential
3.5
5V
measurement
HSW low-level hold voltage
V1L
VCC = 5 V, pin1 potential
0
1.5
V
measurement
AGC output amplitude
V18-20
VCC = 5 V,VIN = 500 mV[p-p],
280
(400)
520
mV[p-p]
f
= 5 MHz
AGC sensitivity
∆V
18-20
VCC = 5 V, f = 5 MHz

3dB
VIN = 500 mV[p-p] ± 6 dB
AGC output DC voltage
V20
VCC = 5 V
2.05
(2.45)
2.85
V
Drop-out detection on level
V21ON
VCC = 5 V, f = 5 MHz,
−16.0 (−12.5) −10.5
dB
VIN = 400 mV[p-p] → 0
Drop-out detection off level
V21OFF
VCC = 5 V, f = 5 MHz,
−9.5 (−7.5) −5.5
dB
VIN = 0 → 400 mV[p-p]
Drop-out pulse low-level
V23L
VCC = 5 V,VIN = 400 mV[p-p],
(0)
0.5
V
f
= 5 MHz
Drop-out pulse high-level
V23H
VCC = 5 V
2.8
(3.2)
3.6
V
Recording current secondary
D2f
VCC = 5 V, VIN = 200 mV[p-p],
−45
dB
harmonic distortion *
f
= 5 MHz
Recording current frequency
I7H / IZ
VCC = 5 V, f = 10 MHz, 5 MHz
0
dB
characteristics ratio *
VIN = 200 mV[p-p]
PB frequency characteristics
V16H /VCC = 5 V, f = 10 MHz, 5 MHz
−3
dB
ratio*
V16
VIN = 0.3 mV[p-p]
s Electrical Characteristics at Ta = 25°C (continued)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn