Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54AS20A Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54AS20A
Description  DUAL 4-INPUT POSITIVE-NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN54AS20A Datasheet(HTML) 4 Page - Texas Instruments

  SN54AS20A Datasheet HTML 1Page - Texas Instruments SN54AS20A Datasheet HTML 2Page - Texas Instruments SN54AS20A Datasheet HTML 3Page - Texas Instruments SN54AS20A Datasheet HTML 4Page - Texas Instruments SN54AS20A Datasheet HTML 5Page - Texas Instruments SN54AS20A Datasheet HTML 6Page - Texas Instruments SN54AS20A Datasheet HTML 7Page - Texas Instruments SN54AS20A Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN54ALS20A, SN54AS20, SN74ALS20A, SN74AS20
DUAL 4-INPUT POSITIVE-NAND GATES
SDAS192B – APRIL 1982 – REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS20
SN74AS20
MIN
MAX
MIN
MAX
tPLH
ABCor D
Y
1
5.5
1
5
ns
tPHL
A, B, C, or D
Y
1
5
1
4.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74AC11020DUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN74ALS22BDUAL 4-INPUT POSITIVE-NAND GATES WITH OPEN-COLLECTOR OUTPUTS 1 2 3 Texas Instruments
SN5420DUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54ALS20ADUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54F20DUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN54HC20DUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54LS21DUAL 4-INPUT POSITIVE-AND GATES 1 2 3 4 5 MoreTexas Instruments
SN54S140DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS 1 2 3 4 5 MoreTexas Instruments
HD74HC20Dual 4-input NAND Gates 1 2 3 4 5 MoreHitachi Semiconductor
54LS20Dual 4-Input NAND Gates 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn