Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8J48A Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SM8J48A
Description  AC POWER CONTROL APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SM8J48A Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SM8J48A Datasheet HTML 1Page - Toshiba Semiconductor SM8J48A Datasheet HTML 2Page - Toshiba Semiconductor SM8J48A Datasheet HTML 3Page - Toshiba Semiconductor SM8J48A Datasheet HTML 4Page - Toshiba Semiconductor SM8J48A Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SM8(G,J)48,USM8(G,J)48,SM8(G,J)48A,USM8(G,J)48A
2001-07-10
1
TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
SM8G48,USM8G48,SM8J48,USM8J48
SM8G48A,USM8G48A,SM8J48A,USM8J48A
AC POWER CONTROL APPLICATIONS
l Repetitive Peak Off−State Voltage
: VDRM = 400, 600V
l R.M.S On−State Current
: IT (RMS) = 8A
l Gate Trigger Current
: IGT = 30mA Max.
: IGT = 20mA Max. (“A”Type)
Unit: mm
SM8G48, SM8J48, SM8G48A, SM8J48A
USM8G48, USM8J48, USM8G48A, USM8J48A
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
13-10J1A
TOSHIBA
13-10J2A
Weight: 1.7g
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
RATING
UNIT
(U)SM8G48
(U)SM8G48A
400
Repetitive Peak
Off-State Voltage
(U)SM8J48
(U)SM8J48A
VDRM
600
V
R.M.S On−State Current
IT (RMS)
8
A
80 (50Hz)
Peak One Cycle Surge On−State
Current (Non-Repetitive)
ITSM
88 (60Hz)
A
I
2
t Limit Value
I
2
t
32
A
2
s
Critical Rate of Rise of On−State
Current
(Note 1)
di / dt
50
A / µs
Peak Gate Power Dissipation
PGM
5
W
Average Gate Power Dissipation
PG (AV)
0.5
W
Peak Forward Gate Voltage
VGM
10
V
Peak Forward Gate Current
IGM
2
A
Junction Temperature
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
Note 1: VDRM = 0.5×Rated
ITM ≤ 12A
tgw ≥ 10µs
tgr ≤ 250ns
igp = IGT×2.0


Similar Part No. - SM8J48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM8J45 TOSHIBA-SM8J45 Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8J45A TOSHIBA-SM8J45A Datasheet
320Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results

Similar Description - SM8J48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SM6G48 TOSHIBA-SM6G48 Datasheet
143Kb / 2P
   AC POWER CONTROL APPLICATIONS
SM08G43 TOSHIBA-SM08G43 Datasheet
191Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM1L43 TOSHIBA-SM1L43 Datasheet
180Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM3G45 TOSHIBA-SM3G45 Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM10LZ47 TOSHIBA-SM10LZ47 Datasheet
99Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM12JZ47A TOSHIBA-SM12JZ47A Datasheet
208Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM16G45 TOSHIBA-SM16G45 Datasheet
200Kb / 5P
   AC POWER CONTROL APPLICATIONS
SM8GZ47A TOSHIBA-SM8GZ47A Datasheet
223Kb / 5P
   AC POWER CONTROL APPLICATIONS
S6903G TOSHIBA-S6903G Datasheet
95Kb / 3P
   AC POWER CONTROL APPLICATIONS
SM2LZ47 TOSHIBA-SM2LZ47 Datasheet
187Kb / 5P
   AC POWER CONTROL APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com