Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R9WTU-ED Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R9WTU-ED
Description  Remote I/O R9 Series DISCRETE I/O EXTENSION UNIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R9WTU-ED Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R9WTU-ED Datasheet HTML 1Page - M-System Co.,Ltd. R9WTU-ED Datasheet HTML 2Page - M-System Co.,Ltd. R9WTU-ED Datasheet HTML 3Page - M-System Co.,Ltd. R9WTU-ED Datasheet HTML 4Page - M-System Co.,Ltd. R9WTU-ED Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R9WTU-ED
R9WTU-ED SPECIFICATIONS
ES-6225 Rev.1 Page 1/5
http://www.m-system.co.jp/
Remote I/O R9 Series
DISCRETE I/O EXTENSION UNIT
(Di (internal power), Do (photo MOSFET relay), pulse
totalizer)
Functions & Features
• Extension unit for Multi Power Monitoring Unit (model:
R9xWTU)
• Photo MOSFET relay output
mm (inch)
100 (3.98)
140 (5.51)
80 (3.15)
MODEL: R9WTU-ED16[1]
ORDERING INFORMATION
• Code number: R9WTU-ED16[1]
Specify a code from below for [1].
(e.g. R9WTU-ED16/Q)
• Specify the specification for option code /Q
(e.g. /C01)
NO. OF CHANNELS
16: 16 points (Di 8, Do 8)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
•Multi Power Monitoring Unit for CC-Link (model: R9CWTU)
•Multi Power Monitoring Unit for LonWorks (model: R9LWTU)
•Multi Power Monitoring Unit for Modbus (model: R9MWTU)
•Multi Power Monitoring Unit for Modbus/TCP (model:
R9EWTU)
GENERAL SPECIFICATIONS
Construction: Stand-alone
Degree of protection: IP20
Connection: M3 screw terminals (torque 0.5 N·m)
Solderless terminal: Refer to the drawing at the end of the
section.
Recommended manufacturer: Japan Solderless Terminal
MFG.Co.Ltd, Nichifu Co.,ltd
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
Isolation: R9xWTU (input or network or auxiliary power) to
input to output to between outputs
Input status indicator: Red LED; turns on with the inputs ON.
Output status indicator: Red LED; turns on with the outputs
ON.
■Recommended solderless terminal size - M3
3.3 (.13) max
mm (inch)
INPUT SPECIFICATIONS
Common: Negative common
Maximum frequency: 50 Hz
Minimum pulse width: 10 msec.
Max. counter value: 0 - 999 999 999
Count at overflow: Reset and restart at ‘0.’
Detecting voltage/current: 5 V DC / 5 mA approx.
ON/OFF levels: ≤ 5 kΩ / ≤ 2 V for ON;
≥ 100 kΩ / 4 V for OFF
Operation mode: Discrete and pulse counter
OUTPUT SPECIFICATIONS
Output: Photo MOSFET relay
Rating: Peack 350 V AC/DC @ 80 mA
ON resistance: ≤ 50 Ω
Power dissipation: 320 mW
Leakage current at OFF: ≤ 10 μA
INSTALLATION
Power consumption
•AC: ≤ 2 VA
•DC: ≤ 1.5 W
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)


Similar Part No. - R9WTU-ED

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R9WTU-EP MSYSTEM-R9WTU-EP Datasheet
186Kb / 4P
   Remote I/O R9 Series MULTI POWER MONITORING EXTENTION UNIT
R9WTU-EP8 MSYSTEM-R9WTU-EP8 Datasheet
186Kb / 4P
   Remote I/O R9 Series MULTI POWER MONITORING EXTENTION UNIT
R9WTU-EP8/Q MSYSTEM-R9WTU-EP8/Q Datasheet
186Kb / 4P
   Remote I/O R9 Series MULTI POWER MONITORING EXTENTION UNIT
More results

Similar Description - R9WTU-ED

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R9MWTU MSYSTEM-R9MWTU Datasheet
281Kb / 7P
   Remote I/O R9 Series MULTI POWER MONITORING UNIT
R9EWTU MSYSTEM-R9EWTU Datasheet
253Kb / 7P
   Remote I/O R9 Series MULTI POWER MONITORING UNIT
R9LWTU MSYSTEM-R9LWTU Datasheet
258Kb / 7P
   Remote I/O R9 Series MULTI POWER MONITORING UNIT
R9CWTU MSYSTEM-R9CWTU Datasheet
279Kb / 7P
   Remote I/O R9 Series MULTI POWER MONITORING UNIT
R9WTU-EP MSYSTEM-R9WTU-EP Datasheet
186Kb / 4P
   Remote I/O R9 Series MULTI POWER MONITORING EXTENTION UNIT
logo
Contec Co., Ltd
CPSN-MCB271-S1-041 CONTEC-CPSN-MCB271-S1-041 Datasheet
600Kb / 4P
   Remote I/O CPU Unit
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
logo
Nanjing Qinheng Microel...
CH423 WCH-CH423 Datasheet
209Kb / 9P
   2-line Remote I/O extension chip
logo
Pepperl+Fuchs Inc.
FB92EU-PF0-A-0A0-00-0 PF-FB92EU-PF0-A-0A0-00-0 Datasheet
1Mb / 3P
   FB Remote I/O Field Unit
logo
M-System Co.,Ltd.
R30YN16C MSYSTEM-R30YN16C Datasheet
174Kb / 5P
   Remote I/O R30 Series DISCRETE OUTPUT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com