Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS1215CDWR Datasheet(PDF) 11 Page - Texas Instruments

Part # THS1215CDWR
Description  3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1215CDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS1215CDWR Datasheet HTML 7Page - Texas Instruments THS1215CDWR Datasheet HTML 8Page - Texas Instruments THS1215CDWR Datasheet HTML 9Page - Texas Instruments THS1215CDWR Datasheet HTML 10Page - Texas Instruments THS1215CDWR Datasheet HTML 11Page - Texas Instruments THS1215CDWR Datasheet HTML 12Page - Texas Instruments THS1215CDWR Datasheet HTML 13Page - Texas Instruments THS1215CDWR Datasheet HTML 14Page - Texas Instruments THS1215CDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
PRINCIPLES OF OPERATION
ANALOG INPUT
AIN−
0
4095
2V
MODE 2, CON[1:0] = 10
AIN−
0
4095
1V
MODE 1, CON[1:0] = 01
AIN+
AIN+
THS1215
SLAS292A – MARCH 2001 – REVISED MARCH 2004
The analog input AIN is sampled in the sample and hold unit, the output of which feeds the ADC CORE, where
the process of analog-to-digital conversion is performed against ADC reference voltages, VREFT and VREFB.
Connecting the EXTREF pin to one of two voltages, DGND or DVDD selects one of the two configurations of ADC
reference generation. The ADC reference voltages come from either the internal reference buffer or completely
external sources. Connect EXTREF to DGND for internal reference generation or to DVDD for external reference
generation.
CON0 and CON1 as described below, select the input configuration mode or place the device in power-down
state. The ADC core drives out through output buffers to the data pins D0 to D11. The output buffers can be
disabled by the OE pin.
A single, sample-rate clock (15 MHz maximum) is required at pin CLK. The analog input signal is sampled on the
rising edge of CLK, and corresponding data is output after the fifth following rising edge.
The THS1215 can operate in differential Mode 1 or differential Mode 2, controlled by the configuration pins
CON0 and CON1 as shown in Table 1. Mode 0 places the THS1215 in power-down or standby state for reduced
power consumption.
Table 1. Input Modes of Operation
MODE
CON1
CON0
MODE OF OPERATION
0
0
0
Device powered down
1
0
1
Differential mode
× 1
2
1
0
Differential mode
× 0.5
3
1
1
Not used
Modes 1 and 2 are shown in Figure 14.
Figure 14. Input Mode Configurations
The gain of the sample and hold changes with the CON1 and the CON0 inputs. Table 2 shows the gain of the
sample and hold and the levels applied at the AIN+ and AIN– analog inputs for Mode 1 and Mode 2. The
common mode level for the two analog inputs is at AVDD/2.
Table 2. Input Mode Switching
(AIN+) – (AIN-)
(AIN+) – (AIN-)
MODE
CON1
CON0
S/H GAIN
MIN
MAX
1
0
1
–1 V
1 V
×1
2
1
0
-2 V
2 V
×0.5
11


Similar Part No. - THS1215CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1215CPW TI1-THS1215CPW Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
More results

Similar Description - THS1215CDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS1230 TI-THS1230 Datasheet
672Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN
THS1215 TI1-THS1215_15 Datasheet
744Kb / 22P
[Old version datasheet]   3.3-V, 12-BIT, 15 MSPS, LOW-POWER ANALOG-TO-DIGITAL
THS1230 TI1-THS1230_15 Datasheet
668Kb / 23P
[Old version datasheet]   3.3-V, 12-BIT, 30 MSPS, LOW-POWER ANALOG-TO-DIGITAL
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
ADS7882 TI-ADS7882 Datasheet
651Kb / 29P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com