Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3328S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN3328S
Description  2-head recording and playback amplifier IC A2 for HiFi VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3328S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN3328S Datasheet HTML 1Page - Panasonic Semiconductor AN3328S Datasheet HTML 2Page - Panasonic Semiconductor AN3328S Datasheet HTML 3Page - Panasonic Semiconductor AN3328S Datasheet HTML 4Page - Panasonic Semiconductor AN3328S Datasheet HTML 5Page - Panasonic Semiconductor AN3328S Datasheet HTML 6Page - Panasonic Semiconductor AN3328S Datasheet HTML 7Page - Panasonic Semiconductor AN3328S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICs for VCR
1
AN3328S
2-head recording and playback amplifier IC (A2) for HiFi VCR
s Overview
The AN3328S is a 2-head recording and play-
back amplifier IC for HiFi audio, and realized
reduction of pin numbers. The package is a small
outline of 16 pins, 1.27 mm pitch and supply volt-
age is 5 V of single supply.
s Features
• Damping-less amp. in playback system
• No adjustment of recording current by AGC
• 3-step switchover of recording current level with
the current emphasis switch (typ.
± 1.8 dB)
s Applications
• HiFi VCR
SOP016-P-0225C
Unit: mm
s Block Diagram
HA1
HA2
L
H
Det
Curr.
Amp.
AGC
10.09
± 0.20
16
9
18
(0.60)
0.40
± 0.10
Seating plane
Seating plane
1.27
0
° to 10°
0.50
± 0.20


Similar Part No. - AN3328S

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
STMicroelectronics
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
More results

Similar Description - AN3328S

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
STMicroelectronics
STMicroelectronics
STV5728 STMICROELECTRONICS-STV5728 Datasheet
114Kb / 11P
   4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5742 STMICROELECTRONICS-STV5742 Datasheet
73Kb / 7P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Panasonic Semiconductor
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz