Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3328S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part No. AN3328S
Description  2-head recording and playback amplifier IC A2 for HiFi VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3328S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN3328S Datasheet HTML 1Page - Panasonic Semiconductor AN3328S Datasheet HTML 2Page - Panasonic Semiconductor AN3328S Datasheet HTML 3Page - Panasonic Semiconductor AN3328S Datasheet HTML 4Page - Panasonic Semiconductor AN3328S Datasheet HTML 5Page - Panasonic Semiconductor AN3328S Datasheet HTML 6Page - Panasonic Semiconductor AN3328S Datasheet HTML 7Page - Panasonic Semiconductor AN3328S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICs for VCR
AN3328S
5
Pin No.
Equivalent Circuit
Description
Voltage
Remark
1
Audio head SW
Input signal
At open :
High
(ch.1 Select)
2
REC regulator 1
D.C
3
Head amp. input
ch.1
4
GND (small signal)

5
Head amp. input
ch.2
s Terminal Equivalent Circuits
23 k
3 k
3 k
3 k
2.5 V
1
5 V
0 V
46.6 k
101.2 k
18 k
REC: ON
2
1.125 k
6 k
2.1 V
380
15 k
3
0.7 V
380
15 k
1.125 k
6 k
2.1 V
5
0.7 V


Similar Part No. - AN3328S

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
STMicroelectronics
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
More results

Similar Description - AN3328S

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
STMicroelectronics
STMicroelectronics
STV5728 STMICROELECTRONICS-STV5728 Datasheet
114Kb / 11P
   4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5742 STMICROELECTRONICS-STV5742 Datasheet
73Kb / 7P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Panasonic Semiconductor
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz