Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3328S Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. AN3328S
Description  2-head recording and playback amplifier IC A2 for HiFi VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3328S Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN3328S Datasheet HTML 1Page - Panasonic Semiconductor AN3328S Datasheet HTML 2Page - Panasonic Semiconductor AN3328S Datasheet HTML 3Page - Panasonic Semiconductor AN3328S Datasheet HTML 4Page - Panasonic Semiconductor AN3328S Datasheet HTML 5Page - Panasonic Semiconductor AN3328S Datasheet HTML 6Page - Panasonic Semiconductor AN3328S Datasheet HTML 7Page - Panasonic Semiconductor AN3328S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN3328S
ICs for VCR
4
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REC Cross modulation
CMD0.4M
VCC = 5.0 V
(
−45)
dB
distortion at 0.4 MHz
REC / PB SW: High
REC Cross modulation
CMD0.9M
VCC = 5.0 V
(
−52)
dB
distortion at 0.9 MHz
REC / PB SW: High
REC
IM / I7
VCC = 5.0 V

−40
dB
Muting ratio
REC / PB SW: High
PB
CT1
VCC = 5.0 V
−40
dB
Crosstalk CH1 to CH2
REC / PB SW: Low
PB
CT2
VCC = 5.0 V
−40
dB
Crosstalk CH2 to CH1
REC / PB SW: Low
PB CH1, Output 2nd
D3-14
VCC = 5.0 V, HSW: High
−50
dB
harmonic distortion
REC / PB SW: Low
PB CH2, Output 2nd
D5-14
VCC = 5.0 V, HSW : Low
−50
dB
harmonic distortion
REC / PB SW: Low
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
PB
V16L
VCC = 5.0 V
0
1.4
V
Mode hold voltage
REC / PB SW: Low
PB
V1H(PB)
VCC = 5.0 V
3.6
VCC
V
CH1 hold voltage
REC / PB SW: Low
PB
V1L(PB)
VCC = 5.0 V
0
1.4
V
CH2 hold voltage
REC / PB SW: Low
PB
DVOFFSET
VCC = 5.0 V

20
mV[p-p]
HSW DC unbalanced
REC / PB SW: Low
s Electrical Characteristics at Ta = 25°C (continued)
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Note) The typical value in the parenthesis is not the guaranteed one.


Similar Part No. - AN3328S

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
STMicroelectronics
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
More results

Similar Description - AN3328S

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
STMicroelectronics
STMicroelectronics
STV5728 STMICROELECTRONICS-STV5728 Datasheet
114Kb / 11P
   4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5742 STMICROELECTRONICS-STV5742 Datasheet
73Kb / 7P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Panasonic Semiconductor
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz