Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3328S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN3328S
Description  2-head recording and playback amplifier IC A2 for HiFi VCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3328S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN3328S Datasheet HTML 1Page - Panasonic Semiconductor AN3328S Datasheet HTML 2Page - Panasonic Semiconductor AN3328S Datasheet HTML 3Page - Panasonic Semiconductor AN3328S Datasheet HTML 4Page - Panasonic Semiconductor AN3328S Datasheet HTML 5Page - Panasonic Semiconductor AN3328S Datasheet HTML 6Page - Panasonic Semiconductor AN3328S Datasheet HTML 7Page - Panasonic Semiconductor AN3328S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICs for VCR
AN3328S
3
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
REC
I10(REC)
VCC = 5.0 V
56
(66)
76
mA
Circuit current
REC / PB SW: High
REC
I7
VCC = 5.0 V
44
(48)
52
mA[p-p]
AGC level
REC / PB SW: High
REC
DI7
VCC = 5.0 V
(0.2)
1.0
dB
AGC control characteristics
REC / PB SW: High
REC Recording current
D7
VCC = 5.0 V, REC / PB SW: High
(
−43) −35
dB
2nd harmonic distortion
VIN = 260 mV[p-p], 2 MHz
REC
V16H
VCC = 5.0 V, REC / Mute SW: Low
3.6
Vcc
V
Mode hold voltage
VIN = 260 mV[p-p], 2 MHz
REC
V8L
VCC = 5.0 V
0
1.2
V
Over REC hold voltage
REC / PB SW: High
REC
V8M
VCC = 5.0 V
1.8
3.2
V
Normal hold voltage
REC / PB SW: High
REC
V8H
VCC = 5.0 V
3.8
Vcc
V
S-VHS hold voltage
REC / PB SW: High
REC
I7L → I7
VCC = 5.0 V
1.3
(1.8)
2.3
dB
Over REC current ratio
REC / PB SW: High
REC
I7H → I7
VCC = 5.0 V
−2.3 (−1.8) −1.3
dB
S-VHS current ratio
REC / PB SW: High
REC
V14H(REC)
VCC = 5.0 V
3.6
Vcc
V
Mute hold voltage 1
REC / PB SW: High
REC
V14L(REC)
VCC = 5.0 V
0
1.4
V
Mute hold voltage 2
REC / PB SW: High
PB
I10(PB)
VCC = 5.0 V
9
(13)
17
mA
Circuit current
REC / PB SW: Low
PB
G3-14
VCC = 5.0 V, REC / PB SW: Low
72
(76)
80
dB
CH1 gain
HSW: High, VIN = 0.1 mV[p-p], 2 MHz
PB
G5-14
VCC = 5.0 V, REC / PB SW : Low
72
(76)
80
dB
CH2 gain
HSW: Low, VIN = 0.1 mV[p-p], 2 MHz
PB
DG3-14
VCC = 5.0 V, REC / PB SW: Low
0
(0.5)
1
dB
CH1 1.5 M / 2 M gain ratio
HSW: High, VIN = 0.1 mV[p-p], 2 MHz
PB
DG5-14
VCC = 5.0 V, REC / PB SW: Low
0
(0.5)
1
dB
CH2 1.5 M / 2 M gain ratio
HSW: Low, VIN = 0.1 mV[p-p], 2 MHz
PB
G3-14
VCC = 5.0 V, REC / PB SW: Low
−20
2
dB
CH1 / CH2 gain ratio
G5-14
VIN = 0.1 mV[p-p], 2 MHz
Noise referred to PB
N3-14
VCC = 5.0 V

1.0
mV[rms]
CH1 input
REC / PB SW: Low HSW: High
Noise referred to PB
N5-14
VCC = 5.0 V

1.0
mV[rms]
CH2 input
REC / PB SW: Low HSW: Low
s Electrical Characteristics at Ta = 25°C
Note) The typical value in the parenthesis is not the guaranteed one.


Similar Part No. - AN3328S

ManufacturerPart No.DatasheetDescription
Silicon Laboratories
Silicon Laboratories
AN332 SILABS-AN332 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
STMicroelectronics
STMicroelectronics
AN3320 STMICROELECTRONICS-AN3320 Datasheet
382Kb / 29P
   This application note is intended for system designers
AN3321 STMICROELECTRONICS-AN3321 Datasheet
262Kb / 8P
   How to enable remote reset from JTAG on
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
AN3324 STMICROELECTRONICS-AN3324 Datasheet
254Kb / 37P
   Implementing power-on self tests
More results

Similar Description - AN3328S

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
AN3389SB PANASONIC-AN3389SB Datasheet
126Kb / 11P
   Recording/Playback Amplifier IC for 4-Head VCR
AN3336SB PANASONIC-AN3336SB Datasheet
56Kb / 5P
   4-Head VCR Recording/Playback Amplifier IC
AN3341SC PANASONIC-AN3341SC Datasheet
52Kb / 4P
   6-Head VCR Recording/Playback Amplifier IC
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
AN3375S PANASONIC-AN3375S Datasheet
62Kb / 6P
   2-head recording/playback amplifier IC V2 for a stand-alone VHS-VCR
STMicroelectronics
STMicroelectronics
STV5728 STMICROELECTRONICS-STV5728 Datasheet
114Kb / 11P
   4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5726A STMICROELECTRONICS-STV5726A Datasheet
68Kb / 6P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5722A STMICROELECTRONICS-STV5722A Datasheet
87Kb / 5P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
STV5742 STMICROELECTRONICS-STV5742 Datasheet
73Kb / 7P
   2-HEAD PLAYBACK AND RECORD AMPLIFIER FOR VCR
Panasonic Semiconductor
Panasonic Semiconductor
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz