Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN3316K Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. AN3316K
Description  Recording/Playback Amplifier IC for VCR Hi-Fi Audio
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3316K Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN3316K Datasheet HTML 1Page - Panasonic Semiconductor AN3316K Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
ICs for VCR
AN3316K
Parameter
Symbol
Rating
Unit
VCC
PD
Topr
Tstg
Power dissipation
Supply voltage
Operating ambient temperature
Storage temperature
6
600
–20 to + 70
–55 to + 150
V
mW
˚C
˚C
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Range
Operating supply voltage range
VCC
4.5V to 5.5V
s Recommended Operating Range (Ta=25˚C)
IAGC
∆I
AGC
Rec Mode, VCC=5V
Rec Mode, VCC=5V
Rec circuit current
Rec AGC level
Rec AGC control characteristic
22.7
–1
32.1
1
mAPP
dB
Parameter
min
Condition
typ
max
Unit
Symbol
DR2f-1
Rec Mode, VCC=5V
Recording current 2nd harmonics distortion CH1
–35
dB
DR2f-2
Rec Mode, VCC=5V
Recording current 2nd harmonics distortion CH2
–35
dB
VS REC
VCC=5V
Rec Mode hold voltage
3.6
5
V
IREC
Rec Mode, VCC=5V
85
mA
VS Mute
VCC=5V
Rec Mute hold voltage
2
2.6
V
IPB
PB Mode, VCC=5V
PB circuit current
25
mA
G9-16
PB Mode, VCC=5V
PB CH1 gain
53
63
dB
G4-18
PB Mode, VCC=5V
PB CH3 gain
53
63
dB
NIN9-16
PB Mode, VCC=5V
PB input-conversion noise CH1
1
µVrms
NIN4-18
PB Mode, VCC=5V
PB input-conversion noise CH2
1
µVrms
CT1
PB Mode, VCC=5V
PB crosstalk CH1 to CH2
–30
dB
CT2
PB Mode, VCC=5V
PB crosstalk CH2 to CH1
–30
dB
DPB2f-1
PB Mode, VCC=5V
PB CH1 output 2nd harmonics distortion
–35
dB
DPB2f-2
PB Mode, VCC=5V
PB CH2 output 2nd harmonics distortion
–35
dB
VSPB
VCC=5V
PB mode hold voltage
01
V
G9-16– G4-18
PB Mode, VCC=5V
Inter-PB CH gain ratio
1dB
–1
s Electrical Characteristics (Ta=25˚C)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn