Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSA39-21GWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # PSA39-21GWA
Description  9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSA39-21GWA Datasheet(HTML) 2 Page - Kingbright Corporation

  PSA39-21GWA Datasheet HTML 1Page - Kingbright Corporation PSA39-21GWA Datasheet HTML 2Page - Kingbright Corporation PSA39-21GWA Datasheet HTML 3Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPEC NO: DSAB7377
REV NO: V.4
DATE: APR/23/2005
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: W.J.ZHU
ERP:1311000228
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd)
@ 10mA
Min.
Typ.
PSA39-21GWA
GREEN (GaP)
WHITE DIFFUSED
1200
2679
Common Anode ,Rt. Hand
Decimal.
Description
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 5mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD
Dominant Wavelength
Green
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Green
10
uA
VR = 5V
Parameter
Green
Units
Power dissipation
105
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 5 Seconds


Similar Part No. - PSA39-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA39-21GWA KINGBRIGHT-PSA39-21GWA_11 Datasheet
232Kb / 6P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - PSA39-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC39-21YWA KINGBRIGHT-PSC39-21YWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21EWA KINGBRIGHT-PSC39-21EWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21YWA KINGBRIGHT-PSA39-21YWA Datasheet
130Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21EWA KINGBRIGHT-PSA39-21EWA Datasheet
73Kb / 3P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21SRWA KINGBRIGHT-PSC39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21GWA KINGBRIGHT-PSC39-21GWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21SRWA KINGBRIGHT-PSA39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21GWA KINGBRIGHT-PSA39-21GWA_11 Datasheet
232Kb / 6P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
QT Optoelectronics
MAN412C QT-MAN412C Datasheet
223Kb / 6P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
logo
Fairchild Semiconductor
MAN412C FAIRCHILD-MAN412C Datasheet
269Kb / 7P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com