Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70MT140PB Datasheet(PDF) 8 Page - International Rectifier

Part # 70MT140PB
Description  THREE PHASE BRIDGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

70MT140PB Datasheet(HTML) 8 Page - International Rectifier

  70MT140PB Datasheet HTML 1Page - International Rectifier 70MT140PB Datasheet HTML 2Page - International Rectifier 70MT140PB Datasheet HTML 3Page - International Rectifier 70MT140PB Datasheet HTML 4Page - International Rectifier 70MT140PB Datasheet HTML 5Page - International Rectifier 70MT140PB Datasheet HTML 6Page - International Rectifier 70MT140PB Datasheet HTML 7Page - International Rectifier 70MT140PB Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MTP 3-Phase Rectifier Series
8
Bulletin I27145 rev. B 06/02
www.irf.com
Fig. 16 - Thermal Impedance Z
thJC Characteristics
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 06/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level.
Qualification Standards can be found on IR's Web site.
Square Wave Pulse Duration (s)
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
Steady State Value
RthJC per junction =
1.6 K/W (40MT...P)
1.38 K/W (70MT...P
1.14 K/W (100MT...P)
DC Operation)
40MT...P
70MT...P
100MT...P


Similar Part No. - 70MT140PB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
70MT140P VISHAY-70MT140P Datasheet
199Kb / 10P
   Three Phase Bridge (Power Module), 45 A to 100 A
02-Oct-12
More results

Similar Description - 70MT140PB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
100MT160PA IRF-100MT160PA Datasheet
121Kb / 8P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-110MT80KPBF VISHAY-VS-110MT80KPBF Datasheet
193Kb / 7P
   Three Phase Bridge
Revision: 03-Mar-14
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
logo
International Rectifier
130MT IRF-130MT Datasheet
94Kb / 7P
   THREE PHASE BRIDGE
200MT40KB IRF-200MT40KB Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-70MT80KPBF VISHAY-VS-70MT80KPBF Datasheet
189Kb / 7P
   Three Phase Bridge
Revision: 27-Feb-14
logo
International Rectifier
26MT IRF-26MT Datasheet
75Kb / 6P
   THREE PHASE BRIDGE
60MT80KB IRF-60MT80KB Datasheet
95Kb / 7P
   THREE PHASE BRIDGE
logo
Solid States Devices, I...
RA0014 SSDI-RA0014 Datasheet
58Kb / 2P
   THREE PHASE BRIDGE
logo
Vishay Siliconix
VS-36MT160 VISHAY-VS-36MT160_15 Datasheet
173Kb / 8P
   Three Phase Bridge
Revision: 09-Apr-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com