Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37150MC Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # M37150MC
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150MC Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button M37150MC Datasheet HTML 55Page - Renesas Technology Corp M37150MC Datasheet HTML 56Page - Renesas Technology Corp M37150MC Datasheet HTML 57Page - Renesas Technology Corp M37150MC Datasheet HTML 58Page - Renesas Technology Corp M37150MC Datasheet HTML 59Page - Renesas Technology Corp M37150MC Datasheet HTML 60Page - Renesas Technology Corp M37150MC Datasheet HTML 61Page - Renesas Technology Corp M37150MC Datasheet HTML 62Page - Renesas Technology Corp M37150MC Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 141 page
background image
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
Rev.1.00
Nov 01, 2002
page 59 of 139
REJ03B0128-0100Z
8.10.11 16-bit Shift Register
The caption data converted into a digital value by the comparator is
stored into the 16-bit shift register in synchronization with the data
clock. The contents of the high-order 8 bits of the stored caption data
can be obtained by reading out data register 2 (address 00E316) and
data register 4 (address 00CF16). The contents of the low-order 8
bits can be obtained by reading out data register 1 (address 00E216)
and data register 3 (address 00CE16), respectively. These registers
are reset to “0” at a falling edge of Vsep. Read out data registers 1
and 2 after the occurrence of a data slicer interrupt (refer to “8.10.12
Interrupt Request Generating Circuit”).
8.10.12 Interrupt Request Generating Circuit
The interrupt requests as shown in Table 8.10.3 are generated by
combination of the following bits; bits 6 and 7 of the caption position
register (address 00E616). Read out the contents of data registers 1
to 4 and the contents of bits 3 to 7 of the clock run-in detect register
after the occurrence of a data slicer interrupt request.
Slice Line Specification Mode
CPS
Completion Flag 1
(bit 0 of DSC2)
Completion Flag 2
(bit 5 of CPS)
Caption Data
Registers 1, 2
Caption Data
Registers 3, 4
Line 21
A line specified by
bits 4 to 0 of CPS
Line 21
Line 21
A line specified by
bits 4 to 0 of CPS
Invalid
Invalid
A line specified by
bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of a line specified
by bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of line 21
16-bit data of a line specified by
bits 4 to 0 of CPS
Invalid
Invalid
16-bit data of a line specified by
bits 4 to 0 of CPS
Contents of Caption Data Latch Completion Flag
Contents of 16-bit Shift Register
bit 7
0
0
1
1
bit 6
0
1
0
1
CPS: Caption position register
DSC2: Data slicer control register 2
Table 8.10.2 Contents of Caption Data Latch Completion Flag and 16-bit Shift Register
Caption position register
Occurence Souces of Interrupt Request at End of Data Slice Line
After slicing line 21
After a line specified by bits 4 to 0 of CPS
After slicing line 21
After slicing line 21
b7
0
1
b6
0
1
0
1
Table 8.10.3 Occurence Sources of Interrupt Request


Similar Part No. - M37150MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150MC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com