Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37150MA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M37150MA
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150MA Datasheet(HTML) 5 Page - Renesas Technology Corp

  M37150MA Datasheet HTML 1Page - Renesas Technology Corp M37150MA Datasheet HTML 2Page - Renesas Technology Corp M37150MA Datasheet HTML 3Page - Renesas Technology Corp M37150MA Datasheet HTML 4Page - Renesas Technology Corp M37150MA Datasheet HTML 5Page - Renesas Technology Corp M37150MA Datasheet HTML 6Page - Renesas Technology Corp M37150MA Datasheet HTML 7Page - Renesas Technology Corp M37150MA Datasheet HTML 8Page - Renesas Technology Corp M37150MA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 141 page
background image
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
Rev.1.00
Nov 01, 2002
page 5 of 139
REJ03B0128-0100Z
Number of basic instructions
Instruction execution time
Clock frequency
Memory size
Input/Output
ports
Serial I/O
Multi-master I2C-BUS interface
A-D comparator
PWM output circuit
Timers
ROM correction function
Subroutine nesting
Interrupt
Clock generating circuit
Data slicer
ROM
RAM
P0
P10–P16
P20–P27
P30, P31
P50, P51
P52–P55
M37150M6-XXXFP
M37150M8-XXXFP
M37150MA-XXXFP
M37150MC-XXXFP
M37150MF-XXXFP
M37150M6-XXXFP
M37150M8-XXXFP
M37150MA-XXXFP, M37150MC-XXXFP
M37150MF-XXXFP, M37150EFFP
71
0.447 ms (the minimum instruction execution time, at 3.58 MHz oscillation
frequency, f(XIN) = 8.95 MHz)
0.451 ms (the minimum instruction execution time, at 4.43 MHz oscillation
frequency, f(XIN) = 8.86 MHz)
8.95 MHz (maximum)
24K bytes
32K bytes
40K bytes
48K bytes
60K bytes
1024 bytes (ROM correction memory included)
1152 bytes (ROM correction memory included)
1472 bytes (ROM correction memory included)
2048 bytes (ROM correction memory included)
8-bit ✕ 1 (N-channel open-drain output structure, can be used as PWM
output pins, INT input pins, A-D input pin)
7-bit ✕ 1 (CMOS input/output structure, however, N-channel open-drain
output structure, when P11–P14 are used as multi-master I2C-BUS inter-
face, can be used as A-D input pins, timer external clock input pins, multi-
master I2C-BUS interface)
8-bit ✕ 1 (P2 is CMOS input/output structure, however, N-channel open-
drain output structure when P20 and 21 are used as serial output, can be
used as serial input/output pins, timer external clock input pins, A-D input
pins, INT input pin, sub-clock input/output pins)
2-bit ✕ 1 (CMOS input/output structure, however, N-channel open-drain output structure,
when used as multi-master I2C-BUS interface, can be used as multi-master I2C-BUS interface.)
2-bit ✕ 1(can be used as OSD input pins)
4-bit ✕ 1(CMOS output structures, can be used as OSD output pins)
8-bit ✕ 1
One (Three lines)
8 channels (7-bit resolution)
8-bit ✕ 5
8-bit ✕ 6
2 vectors
128 levels (maximum)
<17 types>
INT external interrupt ✕ 3, Internal timer interrupt ✕ 6, Serial I/O interrupt ✕
1, OSD interrupt ✕ 1, Multi-master I2C-BUS interface interrupt ✕ 1, Data
slicer interrupt ✕ 1, f(XIN)/4096 interrupt ✕ 1, VSYNC interrupt ✕ 1, BRK
instruction interrupt ✕ 1, reset ✕ 1
2 built-in circuits (externally connected to XCIN/OUT is a ceramic resonator
or a quartz-crystal oscillator)
Built-in
Parameter
6. PERFORMANCE OVERVIEW
Table 6.1 Performance Overview
Functions
I/O
I/O
I/O
I/O
Input
Output


Similar Part No. - M37150MA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150MA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com