Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37150M8 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M37150M8
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150M8 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M37150M8 Datasheet HTML 9Page - Renesas Technology Corp M37150M8 Datasheet HTML 10Page - Renesas Technology Corp M37150M8 Datasheet HTML 11Page - Renesas Technology Corp M37150M8 Datasheet HTML 12Page - Renesas Technology Corp M37150M8 Datasheet HTML 13Page - Renesas Technology Corp M37150M8 Datasheet HTML 14Page - Renesas Technology Corp M37150M8 Datasheet HTML 15Page - Renesas Technology Corp M37150M8 Datasheet HTML 16Page - Renesas Technology Corp M37150M8 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 141 page
background image
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
Rev.1.00
Nov 01, 2002
page 13 of 139
REJ03B0128-0100Z
8.2 MEMORY
8.2.1 Special Function Register (SFR) Area
The Special Function Register (SFR) area in the zero page includes
control registers such as I/O ports and timers.
8.2.2 RAM
RAM is used for data storage and for stack area of subroutine calls
and interrupts.
8.2.3 ROM
ROM is used for storing user programs as well as the interrupt vector
area.
8.2.4 OSD RAM
RAM used for specifying the character codes and colors for display.
8.2.5 OSD ROM
ROM used for storing character data for display.
8.2.6 Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
8.2.7 Zero Page
The zero page addressing mode can be used to specify memory and
register addresses in the zero page area. Access to this area is pos-
sible with only 2 bytes in the zero page addressing mode.
8.2.8 Special Page
The special page addressing mode can be used to specify memory
addresses in the special page area. Access to this area is possible
with only 2 bytes in the special page addressing mode.
8.2.9 ROM Correction Memory (RAM)
This is used as the program area for ROM correction.
Fig. 8.2.1 Memory Map (M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP)
000016
00C016
00FF16
SFR1 area
Not used
FFFF16
FFDE16
FF0016
Interrupt vector area
Special page
087F16
080016
OSD RAM
(128 bytes)
Zero page
020016
020F16
SFR2 area
Not used
030016
00BF16
010016
01FF16
05BF16
053F 16
Not used
0B3F16
090016
100016
Not used
ROM correction function
Vector 1: address 030016
Vector 2: address 0320 16
032016
06FF16
6000 16
8000 16
A00016
4000 16
M37150MF-XXXFP,
M37150EFFP
ROM
(60K bytes)
M37150MC-XXXFP
ROM
(48K bytes)
M37150MA-XXXFP
ROM
(40K bytes)
M37150M8-XXXFP
ROM
(32K bytes)
1000016
1FFFF16
Not used
■ M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
M37150M6-XXXFP
ROM
(24K bytes)
13BFF16
11400 16
OSD ROM
(10K bytes)
Not used
M37150MF-XXXFP,
M37150EFFP
RAM
(2048 bytes)
M37150MB-XXXFP
RAM
(1152 bytes)
M37150MA/MC-
XXXFP
RAM
(1472 bytes)
M37150M6-
XXXFP
RAM
(1024 bytes)


Similar Part No. - M37150M8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150M8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com