Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37150M6 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M37150M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150M6 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M37150M6 Datasheet HTML 7Page - Renesas Technology Corp M37150M6 Datasheet HTML 8Page - Renesas Technology Corp M37150M6 Datasheet HTML 9Page - Renesas Technology Corp M37150M6 Datasheet HTML 10Page - Renesas Technology Corp M37150M6 Datasheet HTML 11Page - Renesas Technology Corp M37150M6 Datasheet HTML 12Page - Renesas Technology Corp M37150M6 Datasheet HTML 13Page - Renesas Technology Corp M37150M6 Datasheet HTML 14Page - Renesas Technology Corp M37150M6 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 141 page
background image
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
Rev.1.00
Nov 01, 2002
page 11 of 139
REJ03B0128-0100Z
FSCIN Pin
The FSCIN pin is a reference clock input pin. The main clock and
OSD clock are generated based on the reference clock from the
FSCIN pin. The sub clock can also be generated directly from the 32
kHz oscillator circuit and FSCIN pin.
XCIN/XCOUT
f(XIN)
f(OSC)
FSCIN
(3.58MHz)
or
(4.43MHz)
Inside system
clock of switch circuit
f(XCIN)
Main clock
Clock for OSD
Sub clock
"1"
"1"
"1"
"0"
CC2 address 021116 bit 2
"0"
CM address 00FB16 bit 7(CM7)
"0"
OC2 address 00D016 bit 3 or 4
Data slicer circuit
Generating circuit
system clock
32kHz of
oscillation circuits
f (Φ)
f(XIN) = 8.95 MHz f(OSC) = 26.85 MHz at 3.58 MHz oscillation frequency
f(XIN) = 8.86 MHz f(OSC) = 26.58 MHz at 4.43 MHz oscillation frequency
Fig. 7.2 clock generating circuit


Similar Part No. - M37150M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com