Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37150M6 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # M37150M6
Description  SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37150M6 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button M37150M6 Datasheet HTML 94Page - Renesas Technology Corp M37150M6 Datasheet HTML 95Page - Renesas Technology Corp M37150M6 Datasheet HTML 96Page - Renesas Technology Corp M37150M6 Datasheet HTML 97Page - Renesas Technology Corp M37150M6 Datasheet HTML 98Page - Renesas Technology Corp M37150M6 Datasheet HTML 99Page - Renesas Technology Corp M37150M6 Datasheet HTML 100Page - Renesas Technology Corp M37150M6 Datasheet HTML 101Page - Renesas Technology Corp M37150M6 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 141 page
background image
M37150M6/M8/MA/MC/MF-XXXFP, M37150EFFP
Rev.1.00
Nov 01, 2002
page 98 of 139
REJ03B0128-0100Z
Fig.8.14.8 State Transitions of System Clock (1)
The above example assumes that the FSCIN pin has 3.58 MHz applied to it. The
φ indicates the internal clock.
FSCIN=3.58MHz
f(XIN)=8.95MHz
φ is stopped (“H”)
Timer operating
FSCIN=3.58MHz
f(XIN)=8.95MHz
f(
φ)=f(XIN)/2
FSCIN=stopped
f(XIN)=stopped
φ is stopped (“H”)
FSCIN=3.58MHz
f(XIN)=8.95MHz
f(XCIN)=3.58MHz
f(
φ)=f(XCIN)/2
f(XIN)=stopped
φ is stopped (“H”)
f(XIN)=stopped
f(XIN)=stopped
f(XCIN)=3.58MHz
φ is stopped (“H”)
Timer operating
CM7=1
CM7=0
CM6=0
CC10=0
CM6=1
CC10=1
1. When Reference Clock from FSCIN is Used
Clock Control Register 2 (address 021116) bit 2 = "0"
CC10 : clock control register1 (address 00CD16) bit 0
FSCIN=3.58MHz
FSCIN=3.58MHz
f(XCIN)=3.58MHz
f(XCIN)=stopped
FSCIN=stopped
f(
φ)=f(XCIN)/2
CM7: Internal system clock selection bit
0: f(XIN) selected (high-speed mode)
1: XCIN-XCOUTselected or FSCIN input
(low-speed mode)
CPU mode register
(Address : 00FB16)
CM6: Main clock f(XIN) stop bit
0: Oscillating
1: Stopped
The program must
allow time for 8.95 MHz
oscillation to stabilize
Reset
WIT instruction
Interrupt
STP instruction
External INT,
timer INT,
or SI/O INT
External INT
External INT
High-speed operation start
mode
WIT instruction
Interrupt
STP instruction


Similar Part No. - M37150M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151 RENESAS-M37151 Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37151EFFP RENESAS-M37151EFFP Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6 RENESAS-M37151M6 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37151M6-XXXFP RENESAS-M37151M6-XXXFP Datasheet
1Mb / 139P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37150M6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37151M6 RENESAS-M37151M6_02 Datasheet
1Mb / 138P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M306H5MG-XXXFP RENESAS-M306H5MG-XXXFP Datasheet
2Mb / 324P
   SNGLE-CHIP 16-BIT CMOS MICROCOMPUTER with DATA ACQUISITION CONTROLLER
M37225M6 RENESAS-M37225M6_15 Datasheet
1Mb / 128P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37225M6 RENESAS-M37225M6 Datasheet
1Mb / 126P
   SNGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com