Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3111Q521A Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R3111Q521A
Description  LOW VOLTAGE DETECTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3111Q521A Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R3111Q521A Datasheet HTML 5Page - RICOH electronics devices division R3111Q521A Datasheet HTML 6Page - RICOH electronics devices division R3111Q521A Datasheet HTML 7Page - RICOH electronics devices division R3111Q521A Datasheet HTML 8Page - RICOH electronics devices division R3111Q521A Datasheet HTML 9Page - RICOH electronics devices division R3111Q521A Datasheet HTML 10Page - RICOH electronics devices division R3111Q521A Datasheet HTML 11Page - RICOH electronics devices division R3111Q521A Datasheet HTML 12Page - RICOH electronics devices division R3111Q521A Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Rev.1.10
- 9 -
Output Current 1
Output Current 2
Output Delay
Time
Minim um O perating
Voltage
Detector T hreshold
Tem perature C oefficient
IOUT1[mA]
IOUT2[mA]
tPLH[
µs]
VDDL[V]
∆ VDET/∆T[ppm/°C]
Condition
MIN.
TYP.
C ondition
MIN.
TYP.
MAX.
TYP.
MAX.
Condition
TYP.
VDD=
0.85V
0.05
0.5
VDD=
1.0V
0.2
1.0
Nch
VDS=0.05V
VDD=0.7V
0.01
0.05
Nch
VDS=
0.5V
VDD=
1.5V
1.0
2.0
Note 1
100
Note 2
Condi-
tion 1
0.55
Condi-
tion 2
0.65
Note 2
Condi-
tion 1
0.70
Condi-
tion 2
0.80
-40
°C≤
Topt
≤85°C
±100


Similar Part No. - R3111Q521A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3111Q521A RICOH-R3111Q521A Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
More results

Similar Description - R3111Q521A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
RX5VT RICOH-RX5VT Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com