Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE1203I063 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XE1203I063
Description  Low-Power, integrated UHF transceiver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE1203I063 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XE1203I063 Datasheet HTML 1Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE1203I063 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Cool Solutions for Wireless Connectivity
XEMICS SA e-mail: info@xemics.com web: www.xemics.com
Datasheet
XE1203
LN A
FA M P
PHAS E
S H I FTE R
LO _B U F
MM O D
DIVIDER
VC O
PA
CH P U M P
PF D
IR E F
FA M P
RF O U T
TK A
TK B
LF B
RF A
RF B
DIV C T L
VCO
TA N K
L OOP
FI L T E R
M A T CHI NG
NE T W O R K
M A T CHI NG
NE T W O R K
LP F
LP F
BB AM P
LIM
LI M
O S C ILLA T O R
/n
CL OCK OUT
DEM O D
P A TTE R N
M A T CHIN G
BB AM P
PO R
IR E F
m odulator
/n
S y nt hes iz er
FE I
BI T S YN C
XT A
XT B
CL K O U T
T S UP P T M O D( 3 : 0 )
PO R
CL KX T A L
XT A L
11 B its
BA R K E R
DECO DER
PA T T E R N
SI
DCL K
DAT A
DAT A I N
X E 1203
L OGIC
CO NT RO L
11 B it s
BA R K E R
ENCO DE R
RS SI
CO NT RO L
DAT A
SO
SC K
EN
SW I T C H
XE1203
433MHz / 868MHz / 915MHz
Low-power, integrated UHF transceiver
GENERAL DESCRIPTION
The XE1203 is a single chip transceiver operating
in the 868 and 915MHz license-free ISM (Industry
Scientific and Medical) frequency bands. Its highly
integrated
architecture
allows
for
minimum
external components while maintaining design
flexibility. All major RF communication parameters
are programmable and most of them can be
dynamically set. The XE1203 offers the unique
advantage of high data rate communication at
rates up to 152.3kbit/s, without the need to modify
the number or parameters of the external
components. The XE1203 is optimized for low
power consumption while offering high RF output
power and exceptional receiver sensitivity. The
device is suitable for circuit applications which
have to satisfy either the European (ETSI-300-
220) or the North American (FCC part 15)
regulatory standards.
APPLICATIONS
• Automated Meter Reading (AMR)
• Home Automation and Access Control
• High-Quality Speech, Music and Data over RF
• Applications requiring Konnex-compatibility
KEY PRODUCT FEATURES
• RF output power: up to +15dBm on a 50 Ω
load (typical)
• High reception sensitivity: down to –113 dBm
(typical)
• Low power consumption:
RX = 14mA; TX = 62 mA @15dBm (typical)
• Supply voltage down to 2.4V
• Data rate from 1.2 to 152.3kbps, NRZ coding
• Konnex-compatible operation mode
• 11-bit Barker encoder/decoder
• On-chip frequency synthesizer with steps of
500Hz
• Continuous phase 2-level FSK modulation
• Received data pattern recognition (for wake-
up)
• Bit-Synchronizer for incoming data/clock
synchronization and recovery
• RSSI (Received Signal Strength Indicator)
• FEI (Frequency Error Indicator)
ORDERING INFORMATION
Part number
Temperature range
Package
XE1203I063
-40°C to +85°
VQFN48


Similar Part No. - XE1203I063

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
XE1203 OKAYA-XE1203 Datasheet
401Kb / 1P
   SPARK QUENCHER
XE1203 OKAYA-XE1203 Datasheet
76Kb / 1P
   SPARK QUENCHER
logo
Semtech Corporation
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203FI063TRLF SEMTECH-XE1203FI063TRLF Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results

Similar Description - XE1203I063

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
logo
HOPE Microelectronics C...
RF63W HOPE-RF63W Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1211 SEMTECH-SX1211_08 Datasheet
1Mb / 92P
   Ultra-Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
RF63 ETC2-RF63 Datasheet
3Mb / 91P
   Ultra-Low Power Integrated UHF Transceiver
logo
Semtech Corporation
SX1233 SEMTECH-SX1233 Datasheet
1Mb / 81P
   High Bit Rate Transceiver Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
   LOW POWER UHF TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com