Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM193JAN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. LM193JAN
Description  Low Power Low Offset Voltage Dual Comparators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193JAN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM193JAN Datasheet HTML 1Page - National Semiconductor (TI) LM193JAN Datasheet HTML 2Page - National Semiconductor (TI) LM193JAN Datasheet HTML 3Page - National Semiconductor (TI) LM193JAN Datasheet HTML 4Page - National Semiconductor (TI) LM193JAN Datasheet HTML 5Page - National Semiconductor (TI) LM193JAN Datasheet HTML 6Page - National Semiconductor (TI) LM193JAN Datasheet HTML 7Page - National Semiconductor (TI) LM193JAN Datasheet HTML 8Page - National Semiconductor (TI) LM193JAN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage, V
+
36V
DC or ±18VDC
Differential Input Voltage (Note 5)
36V
Output Voltage
36V
Input Voltage
−0.3V
DC to +36VDC
Input Current (V
IN< −0.3VDC) (Note 4)
50 mA
Power Dissipation (Note 2),
CERDIP
400 mW @ T
A = 125˚C
Metal Can
330 mW @ T
A = 125˚C
Maximum Junction Temperature (T
Jmax
175˚C
Output Short-Circuit to Ground (Note 3)
Continuous
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Thermal Resistance
θ
JA
Metal Can (Still Air)
174˚C/W
Metal Can (500LF/Min Air flow)
99˚C/W
CERDIP (Still Air)
146˚C/W
CERDIP (500LF/Min Air flow)
85˚C/W
θ
JC
Metal Can
44˚C/W
CERDIP
33˚C/W
Lead Temperature
(Soldering, 10 seconds)
260˚C
ESD Tolerance (Note 6)
500V
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LM193 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More National Semiconductor (TI)
MNLM193A-X LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More National Semiconductor (TI)
AP393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  5  More Anachip Corp
AZ393 LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  3  4  5  More List of Unclassifed Manufacturers
IL393N LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS 1  2  List of Unclassifed Manufacturers
SL393 Low Power Low Offset Voltage Dual Comparators 1  2  3  4  System Logic Semiconductor
NTE943 Integrated Circuit Low Power Low Offset Dual Voltage Comparator 1  2  3  4  5  NTE Electronics
LM2903 LOW POWER DUAL VOLTAGE COMPARATORS 1  2  3  4  5  More STMicroelectronics
LM139JAN Low Power Low Offset Voltage Quad Comparators 1  2  3  4  5  More National Semiconductor (TI)
TS372C LOW POWER DUAL CMOS VOLTAGE COMPARATORS 1  2  3  4  5  STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn