Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1117XG Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # L1117XG
Description  1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L1117XG Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button L1117XG Datasheet HTML 4Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 5Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 6Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 7Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 8Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 9Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 10Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 11Page - List of Unclassifed Manufacturers L1117XG Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L1117XG Series
SOT-223, TO-252,
TO-220,TO-263
Lead-Free
8
1A Fixed and Adjustable Low
Dropout Linear Regulator (LDO)
Jun-29-2004
NIKO-SEM
°
Vout=1.8V,Vin=3.3V,Iout=105mA/800mA
Cin=10µF,Cout=10µF
Load Transient
Load Transient
Vout=2.5V,Vin=4V,Iout=105mA/800mA
Vout=2.85V,Vin=4.35V,Iout=105mA/800mA
Cin=10µF,Cout=10µF
Cin=10µF,Cout=10µF
Load Transient
Load Transient
Vout=3.3V,Vin=4.8V,Iout=105mA/800mA
Vout=5V,Vin=6.5V,Iout=105mA/800mA
Cin=10µF,Cout=10µF
Cin=10µF,Cout=10µF
Load Transient


Similar Part No. - L1117XG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117-2.5 ETC1-L1117-2.5 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117-2.85 ETC1-L1117-2.85 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117-3.3 ETC1-L1117-3.3 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117-5 ETC1-L1117-5 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1117XG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com