Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L1117XG Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. L1117XG
Description  1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

L1117XG Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L1117XG Series
SOT-223, TO-252,
TO-220,TO-263
Lead-Free
6
1A Fixed and Adjustable Low
Dropout Linear Regulator (LDO)
Jun-29-2004
NIKO-SEM
Vin > 4.75V
Vout=3.3V
+
Cin
10uF
IN
+
Cout
22uF
GND
OUT
L1117-3.3
Basic Fixed Output Regulator Circuit
Basic Fixed Output Regulator Circuit
Vin>6.5V
Vout=5V
+
Cin
10uF
IN
+
Cout
22uF
GND
OUT
L1117-5
Vin>3.3V
Vout=1.8V
+
Cin
10uF
IN
+
Cout
22uF
GND
OUT
L1117-1.8
Basic Fixed Output Regulator Circuit
Basic Fixed Output Regulator Circuit
Vin > 4.00V
Vout=2.5V
+
Cin
10uF
IN
+
Cout
22uF
GND
OUT
L1117-2.5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn