Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L1117XG Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. L1117XG
Description  1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

L1117XG Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
L1117XG Series
SOT-223, TO-252,
TO-220,TO-263
Lead-Free
5
1A Fixed and Adjustable Low
Dropout Linear Regulator (LDO)
Jun-29-2004
NIKO-SEM
DEVICE
PACKAGE
MARKING
L1117XG
L, D, S, T
L1117XG
L :SOT-223
L1117XG-1.8
L, D, S, T
L1117XG-1.8
D :TO-252
L1117XG-2.5
L, D, S, T
L1117XG-2.5
S :TO-263
L1117XG-2.85
L, D, S, T
L1117XG-2.85
T :TO-220
L1117XG-3.3
L, D, S, T
L1117XG-3.3
L1117XG-5
L, D, S, T
L1117XG-5
Orders for parts with Lead-Free plating can be placed using the LXXXXXG-XX parts name.
TYPICAL APPLICATION
- Basic Adjustable Regulator Circuit -
- Active SCSI Bus Terminators -
+
Cin
10uF
R2
+
Cout
10uF
R1
IN
ADJ
OUT
L1117
Vin
1. Cin needed if device is far from from filter capacitors.
Iadj
Vo = Vref (1+R2/R1) + Iadj x R2
Vout
Vref
2. Cout required for stability.
Vin
4.3v-8V
+
Cin
10uF
+
Cout
22uF
IN
GN D
OU T
L1117-2.85
18~27 Lines


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn