Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L1117XG Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. L1117XG
Description  1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

L1117XG Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
L1117XG Series
SOT-223, TO-252,
TO-220,TO-263
Lead-Free
4
1A Fixed and Adjustable Low
Dropout Linear Regulator (LDO)
Jun-29-2004
NIKO-SEM
ELECTRICAL CHARACTERISTICS for L1117G-3.3(Unless otherwise specified, TA = 25 °C)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
(Fixed version)
VO
VIN = 5V, IOUT = 10mA
VO
3.234V(Min)
3.367V(Max)
Dropout Voltage
VD
ΔVO = 1%, IOUT = 1A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V) ≤ VIN ≤ 15V, IOUT = 10mA
0.5%
2.0%
Load Regulation
REG(LOAD) (VIN -VOUT) = 2V, 10mA ≤ IOUT ≤ 1A
0.5%
2.0%
Quiescent Current
IQ
5mA
10mA
Current Limit
ICL
VIN - VOUT = 2V
1.2A
1.1A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, Co=22
µF,V
IN = 5V,
IOUT = 1A
72dB
60dB (Min)
ELECTRICAL CHARACTERISTICS for L1117G-5(Unless otherwise specified, TA = 25 °C)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
(Fixed version)
VO
VIN = 8V, IOUT = 10mA
VO
4.90V(Min)
5.10V(Max)
Dropout Voltage
VD
ΔVO = 1%, IOUT = 1A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V) ≤ VIN ≤ 15V, IOUT = 10mA
0.5%
1.0%
Load Regulation
REG(LOAD) (VIN -VOUT) = 2V, 10mA ≤ IOUT ≤ 1A
0.5%
1.0%
Quiescent Current
IQ
5mA
10mA
Current Limit
ICL
VIN - VOUT = 2V
1.2A
1.1A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, Co=22
µF,V
IN = 8V,
IOUT = 1A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
L1117XG
L1117XG-1.8
L1117XG-2.5
L1117XG-2.85 L1117XG-3.3
L1117XG-5
Voltage Version
ADJ
1.8
2.5
2.85
3.3
5
Package
Any package
Any package
Any package
Any package
Any package
Any package
Marking
L1117XG
L1117XG-1.8
L1117XG-2.5
L1117XG-2.85 L1117XG-3.3
L1117XG-5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn