Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH03010YAST Datasheet(PDF) 10 Page - Texas Instruments

Part # PTH03010YAST
Description  15-A NON-ISOLATED DDR/QDR MEMORY BUS TERMINATION MODULES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH03010YAST Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH03010YAST Datasheet HTML 6Page - Texas Instruments PTH03010YAST Datasheet HTML 7Page - Texas Instruments PTH03010YAST Datasheet HTML 8Page - Texas Instruments PTH03010YAST Datasheet HTML 9Page - Texas Instruments PTH03010YAST Datasheet HTML 10Page - Texas Instruments PTH03010YAST Datasheet HTML 11Page - Texas Instruments PTH03010YAST Datasheet HTML 12Page - Texas Instruments PTH03010YAST Datasheet HTML 13Page - Texas Instruments PTH03010YAST Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
www.ti.com
CAPACITOR RECOMMENDATIONS FOR THE PTH12010Y DDR POWER MODULES
INPUT CAPACITOR
OUTPUT CAPACITORS
CERAMIC CAPACITORS
TANTALUM CAPACITORS
CAPACITOR TABLE
PTH03010Y
PTH05010Y
PTH12010Y
SLTS223A–MARCH 2004–REVISED OCTOBER 2005
(12-V OPTION)
The recommended input capacitance is determined by the 560 µF minimum capacitance and 750 mArms
minimum ripple current rating. A 10-µF X5R/X7R ceramic capacitor may also be added to reduce the reflected
input ripple current. The ceramic capacitor should be located between the input electrolytic and the module.
Ripple current, less than 100 mΩ equivalent series resistance (ESR) and temperature are major considerations
when selecting input capacitors. Unlike polymer-tantalum capacitors, regular tantalum capacitors have a
recommended minimum voltage rating of 2 × (max dc voltage + ac ripple). This is standard practice to ensure
reliability. No tantalum capacitors were found with sufficient voltage rating to meet this requirement. At
temperatures below 0°C, the ESR of aluminum electrolytic capacitors increases. For these applications, Os-Con,
polymer-tantalum, and polymer-aluminum types should be considered.
For applications with load transients (sudden changes in load current), regulator response benefits from external
output capacitance. The recommended output capacitance of 940 µF will allow the modue to meet its transieint
response specification. (See Electrical Specifications table). For most applications, a high quality computer-grade
aluminum electrolytic capacitor is adequate. These capacitors provide decoupling over the frequency range,
2 kHz to 150 kHz, and are suitable for ambient temperatures above 0°C. Below 0°C, tantalum, ceramic or
Os-Con type capacitors are recommended. When using one or more nonceramic capacitors, the calculated
equivalent ESR should be no lower than 4 mΩ (7 mΩ using the manufacturer’s maximum ESR for a single
capacitor).
A list of preferred low-ESR type capacitors are identified in Table 2.
In addition to electrolytic capacitance, adding a 10-µF to 22-µF X5R/X7R ceramic capacitor to the output reduces
the output ripple voltage and improve the regulator’s transient response. The measurement of both the output
ripple and transient response is also best achieved across a 10-µF ceramic capacitor.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output, their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 300 µF. Also, to prevent the formation of local resonances, do not place more than five identical
ceramic capacitors in parallel with values of 10 µF or greater.
Tantalum type capacitors are most suited for use on the output bus, and are recommended for applications
where the ambient operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595 and
Kemet T495/T510 capacitor series are suggested over other tantalum types due to their higher rated surge,
power dissipation, and ripple current capability. As a caution, many general purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation and lower ripple current capability. These capacitors are
also less reliable as they have lower power dissipation and surge current ratings. Tantalum capacitors that do not
have a stated ESR or surge current rating are not recommended for power applications.
When specifying Os-con and polymer tantalum capacitors for the output, the minimum ESR limit are encountered
well before the maximum capacitance value is reached.
Table 2 identifies the characteristics of capacitors from a number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to insure both optimum regulator performance and long capacitor life.
10


Similar Part No. - PTH03010YAST

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
PTH03010YAST EMERSON-NETWORKPOWER-PTH03010YAST Datasheet
1Mb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTH03010YAST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050Y TI-PTH12050Y Datasheet
267Kb / 7P
[Old version datasheet]   6-A Non-Isolated DDR/QDR Memory Bus Termination Modules
logo
Emerson Network Power
PTHXX060Y EMERSON-NETWORKPOWER-PTHXX060Y Datasheet
232Kb / 4P
   Non-isolated DDR/QDR Memory Bus Termination Module
logo
Artesyn Technologies
PTHXX050Y ARTESYN-PTHXX050Y Datasheet
220Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
PTHXX060Y ARTESYN-PTHXX060Y Datasheet
232Kb / 4P
   DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module
logo
Texas Instruments
PTH03060Y TI-PTH03060Y Datasheet
838Kb / 19P
[Old version datasheet]   MEMORY BUS TERMINATION MODULES
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
   3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3718 LINER-LTC3718 Datasheet
243Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
LTC3718 LINER-LTC3718_15 Datasheet
253Kb / 20P
   Low Input Voltage DC/DC Controller for DDR/QDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com