Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSMD050-1206 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FSMD050-1206
Description  Surface Mount PTC FSMD1206 Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSMD050-1206 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FSMD050-1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSMD050-1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSMD050-1206 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSMD050-1206 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOTE : All Specification subject to change without notice
.
52
Pad Layouts
、Solder Reflow and Rework Recommendations
The dimension in the table below provide the recommended pad layout for each FSMD1206 device
Pad dimensions(millimeters)
Device
A
Nominal
B
Nominal
C
Nominal
FSMD005-1206
2.00
1.00
1.90
FSMD010-1206
2.00
1.00
1.90
FSMD020-1206
2.00
1.00
1.90
FSMD035-1206
2.00
1.00
1.90
FSMD050-1206
2.00
1.00
1.90
FSMD075-1206
2.00
1.00
1.90
FSMD100-1206
2.00
1.00
1.90
FSMD150-1206
2.00
1.00
1.90
Solder reflow
Due to “Lead Free” nature, Temperature and
Dwelling time for the soldering zone is higher
than those for Regular. This may cause damage to
other components.
1. Recommended reflow methods; IR , vapor phase oven,
hot air oven.
2. The FSMD1206 Series are suitable for use with
wave-solder application methods.
3. Recommended maximum paste thickness is 0.25mm.
4. Devices can be cleaned using standard industry
methods and solvents.
CAUTION:
If reflow temperatures exceed the recommended
Profile, devices may not meet the performance
requirements.
Rework:
Use standard industry practices.
FSMD1206 Series
Surface Mount PTC
PDF created with FinePrint pdfFactory trial version http://www.pdffactory.com


Similar Part No. - FSMD050-1206

ManufacturerPart #DatasheetDescription
logo
RFE international
FSMD050-1206 RFE-FSMD050-1206 Datasheet
195Kb / 2P
   Surface Mount PPTC FSMD1206 Series
logo
Fuzetec Technology Co.,...
FSMD050-1206-R FUZETEC-FSMD050-1206-R Datasheet
210Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
logo
RFE international
FSMD050-1206-R RFE-FSMD050-1206-R Datasheet
361Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
logo
Fuzetec Technology Co.,...
FSMD050-1206RZ FUZETEC-FSMD050-1206RZ Datasheet
197Kb / 5P
   Surface Mountable PTC Resettable Fuse: Low Rho FSMD1206 Series
More results

Similar Description - FSMD050-1206

ManufacturerPart #DatasheetDescription
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
logo
Fuzetec Technology Co.,...
FSMD005-1206-R FUZETEC-FSMD005-1206-R Datasheet
210Kb / 5P
   Surface Mountable PTC Resettable Fuse: FSMD1206 Series
logo
RFE international
FSMD005-1206 RFE-FSMD005-1206 Datasheet
195Kb / 2P
   Surface Mount PPTC FSMD1206 Series
logo
Fuzetec Technology Co.,...
FSMD050-1206RZ FUZETEC-FSMD050-1206RZ Datasheet
197Kb / 5P
   Surface Mountable PTC Resettable Fuse: Low Rho FSMD1206 Series
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
   Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
   Surface Mount PTC
logo
DB Lectro Inc
FSMD014 DBLECTRO-FSMD014 Datasheet
143Kb / 4P
   Surface Mount PTC FSMD Series
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
   Surface Mount PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com