Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4052CEE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS4052CEE
Description  17V CMOS Analog Multiplexers/Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4052CEE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS4052CEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4052CEE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Thermal Information
Continuous Power Dissipation
Plastic DIP (derate 10.5mW/°C above +70°C) .............. 800mW
Narrow SO and QSOP
(derate 8.7mW/°C above +70°C) .................................... 650mW
Storage Temperature ........................................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................. +300°C
Note 1:
Signals on NO, COM, or logic inputs exceeding V+ or V– are
clamped by internal diodes. Limit forward diode current to 30mA.
Absolute Maximum Ratings
Voltages Referenced to V–
V+ ..................................................................... –0.3V to + 17V
GND ................................................................. –0.3V to + 17V
GND ......................................................... -0.3V to (V+) + 0.3V
VIN, VCOM, VNO(1) .......................................... (V-) –2V to (V+) + 2V
or 30mA, whichever occurs first
Current (any terminal ) ..................................................... 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) ..................................... 100mA
ESD per method 3015.7 ............................................... >2000V
1
5
0
4
S
P
H
N
IC
D
D
AB
D
D
AA
D
D
Ah
c
t
i
w
S
n
O
1
XXX
e
n
o
N
0000
0
O
N
000
1
1
O
N
00
1
0
2
O
N
00
11
3
O
N
01
0
0
4
O
N
01
01
5
O
N
01
1
0
6
O
N
0
111
7
O
N
2
5
0
4
S
P
H
N
IB
D
D
AA
D
D
Ah
c
ti
w
S
n
O
1X
X
e
n
o
N
000
B
,
A
0
O
N
00
1
B
,
A
1
O
N
01
0
B
,
A
2
O
N
01
1
B
,
A
3
O
N
Truth Tables
3
5
0
4
S
P
H
N
IC
D
D
AB
D
D
AA
D
D
As
e
h
c
ti
w
S
n
O
1
XXX
e
n
o
N
0000
C
O
NB
O
NA
O
N
000
1
C
O
NB
O
NA
C
N
00
1
0
C
O
NB
C
NA
O
N
00
11
C
O
NB
C
NA
C
N
01
0
0
C
C
NB
O
NA
O
N
01
01
C
C
NB
O
NA
C
N
01
1
0
C
C
NB
C
NA
O
N
0
111
C
C
NB
C
NA
C
N
Logic “0”, VAL ≤ 0.8V
Logic “1”, VIH ≥ 2.4V


Similar Part No. - PS4052CEE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
   Plate Capacitors with Contoured Rim - Class 2 Ceramic
Revision: 14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
   Plate Capacitors with Contoured Rim - Class 1 Ceramic
Revision: 14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
   PRESSURE SWITCHES
More results

Similar Description - PS4052CEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
   Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com