Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTHS5402T1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NTHS5402T1
Description  Power MOSFET N?묬hannel ChipFET-TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTHS5402T1 Datasheet(HTML) 8 Page - ON Semiconductor

  NTHS5402T1 Datasheet HTML 1Page - ON Semiconductor NTHS5402T1 Datasheet HTML 2Page - ON Semiconductor NTHS5402T1 Datasheet HTML 3Page - ON Semiconductor NTHS5402T1 Datasheet HTML 4Page - ON Semiconductor NTHS5402T1 Datasheet HTML 5Page - ON Semiconductor NTHS5402T1 Datasheet HTML 6Page - ON Semiconductor NTHS5402T1 Datasheet HTML 7Page - ON Semiconductor NTHS5402T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NTHS5402T1
http://onsemi.com
8
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
JAPAN: ON Semiconductor, Japan Customer Focus Center
4−32−1 Nishi−Gotanda, Shinagawa−ku, Tokyo, Japan 141−0031
Phone: 81−3−5740−2700
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
NTHS5402T1/D
ChipFET is a trademark of Vishay Siliconix
Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
N. American Technical Support: 800−282−9855 Toll Free USA/Canada


Similar Part No. - NTHS5402T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5404 ONSEMI-NTHS5404 Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
NTHS5404 ONSEMI-NTHS5404 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NTHS5404T1 ONSEMI-NTHS5404T1 Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
NTHS5404T1G ONSEMI-NTHS5404T1G Datasheet
57Kb / 6P
   Power MOSFET
October, 2004 ??Rev. 3
More results

Similar Description - NTHS5402T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS5445T1 ONSEMI-NTHS5445T1 Datasheet
206Kb / 8P
   Power MOSFET P?묬hannel ChipFET-TM
February, 2005 ??Rev. XXX
NTHD5902T1 ONSEMI-NTHD5902T1 Datasheet
204Kb / 8P
   Power MOSFET Dual N?묬hannel ChipFET
February, 2005 ??Rev. XXX
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD4502N ONSEMI-NTHD4502N Datasheet
60Kb / 6P
   Power MOSFET 30 V, 3.9 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 4
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
   Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
MGSF3442VT1 ONSEMI-MGSF3442VT1 Datasheet
175Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com