Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AN2493FH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN2493FH
Description  Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN2493FH Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICs for VCR
1
AN2493FH
Luminance and chrominance signal processing (PAL) IC
for 8 mm VCR
s Overview
The AN2493FH is a single chip LSI designed for a Y/
C main signal processing of PAL system normal 8 mm
video. System cost can be cut down drastically by built-
in of external filters and fc automatic adjustment.
s Features
• 5 V single power supply
• Reduction of external components and adjustment parts
by adopting of automatic adjustment filters.
• No need of glass delay lines.
s Applications
• 8 mm videos and 8 mm video cameras
QFP064-P-1010
Unit: mm
10.00
±0.20
48
33
32
17
16
1
64
49
12.00
±0.20
(1.25)
0.50
0.18
+0.10
−0.05
Seating plane
(1.00)
0.50
±0.20
0
° to 10°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn