Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC920715CML Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC920715CML
Description  PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC920715CML Datasheet(HTML) 2 Page - Torex Semiconductor

  XC920715CML Datasheet HTML 1Page - Torex Semiconductor XC920715CML Datasheet HTML 2Page - Torex Semiconductor XC920715CML Datasheet HTML 3Page - Torex Semiconductor XC920715CML Datasheet HTML 4Page - Torex Semiconductor XC920715CML Datasheet HTML 5Page - Torex Semiconductor XC920715CML Datasheet HTML 6Page - Torex Semiconductor XC920715CML Datasheet HTML 7Page - Torex Semiconductor XC920715CML Datasheet HTML 8Page - Torex Semiconductor XC920715CML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
" PIN CONFIGURATION
" PIN ASSIGNMENT
SOT-25 (TOP VIEW)
" PRODUCT CLASSIFICATION
# Ordering Information
XC9206
1 2 3 4 5 6
: PWM Control
XC9207
1 2 3 4 5 6
: PWM / PFM Automatic Switching Control
XC9208
1 2 3 4 5 6
: PWM control, PWM / PFM Automatic Switching Control Manually Selectable
Transistor built-in, output voltage internally set (VOUT product), soft start internally set.
A : Current Limiter 600mA
Denotes output voltage :
ex. ) 1.5V Output
!
2 = 1, 3 = 5
1.85V Output
!
2 = 1, 3 = L
2.85V Output
!
2 = 2, 3 = L
Denotes oscillation frequency :
3 : 300kHz
6 : 600kHz
C : 1.2MHz
Denotes package types :
M : SOT-25
Denotes device orientation :
R : Embossed Tape : Standard Feed
L : Embossed Tape : Reverse Feed
* Output voltage 0.9V ~ 4.0V (100mV steps), 1.85V and 2.85V are standard products.
Output voltages other than these are available as semi-custom products.
" PACKAGING INFORMATION
$ SOT-25
Output Voltage Sense
Chip Enable/Mode Switch
5
6
4
1
SYMBOL
Power Input
5
1
2
3
4
Switching Output
Ground
DESCRIPTION
VOUT
CE/MODE
VIN
LX
VSS
XC9206 / 9207/ 9208 Series
PIN NAME
PIN NUMBER
FUNCTIONS
2, 3
Semiconductor Ltd.
12
3
4
5
VOUT
Lx
CE/MODE
VSS
VIN
Data Sheet
2


Similar Part No. - XC920715CML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9207 TOREX-XC9207 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
More results

Similar Description - XC920715CML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9206 TOREX-XC9206_1 Datasheet
474Kb / 16P
   PWM, PWM/PFM Switchable Step-Down DC/DC Converters with Driver Transistor Built-In
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6365 TOREX-XC6365 Datasheet
1Mb / 21P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
XC6365 TOREX-XC6365_1 Datasheet
1Mb / 23P
   PWM Controllde, PWM/PFM Switchable Step-Down DC/DC Converers
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com