Electronic Components Datasheet Search |
|
43172015 Datasheet(PDF) 1 Page - PHOENIX CONTACT |
|
43172015 Datasheet(HTML) 1 Page - PHOENIX CONTACT |
1 / 4 page https://www.phoenixcontact.com/us/products/1620024 04/04/2016 Page 1 / 4 Coupler connector - CA-17S1N129008 - 1620024 Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's documentation. Our General Terms of Use for Downloads are valid (http://phoenixcontact.com/download) Coupling connector, straight, shielded: yes, SPEEDCON locking, M23, Number of positions: 17, Type of contact: Socket, Solder connection, Cable diameter: 10 mm ... 14.5 mm The figure shows the 12-pos. product version Product Features ■ Safe use in the field, thanks to high degree of protection ■ Connector for flexible on-site assembly ■ Consistent EMC protection for reliable transmission of signals ■ Solder connection: proven connection technology for various litz wires Key Commercial Data Packing unit 1 pc Custom tariff number 85366990 Country of origin Germany Technical data Temperature range Ambient temperature (operation) -40 °C ... 125 °C Data of the insulating body Coding N Insulator material PBT Contact material CuZn Contact surface material Ni/Au Contact connection method Solder connection Type of contacts Socket Number of positions 17 Contact diameter of power contacts 1 mm |
Similar Part No. - 43172015 |
|
Similar Description - 43172015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |