Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN2492FH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN2492FH
Description  Luminance and chrominance signal processing circuit for 8 mm video (NTSC)
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN2492FH Datasheet(HTML) 1 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ICs for VCR
1
AN2492FH
Luminance and chrominance signal processing circuit for
8 mm video (NTSC)
s Overview
The AN2492FH is a single chip LSI on which Y/C
main signal processing circuit of NTSC normal 8 mm
VCR is integrated. It is possible to reduce the system
cost drastically thanks to the introduction of an external
filter on to the chip and fc auto adjustment.
s Features
• 5 V single power supply
• Reduction of the external components and adjusting
parts by adopting automatic adjustment filter
• No need of glass delay lines
• For NTSC (PAL: AN2493 pin-compatible)
s Applications
• 8 mm VCR, 8 mm video camera
QFP064-P-1010
Unit: mm
10.00
±0.20
48
33
32
17
16
1
64
49
12.00
±0.20
(1.25)
0.50
0.18
+0.10
−0.05
Seating plane
(1.00)
0.50
±0.20
0
° to 10°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn