Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43201404 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 43201404
Description  Cable connector - CA-06P1N12T006S
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201404 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  43201404 Datasheet HTML 1Page - PHOENIX CONTACT 43201404 Datasheet HTML 2Page - PHOENIX CONTACT 43201404 Datasheet HTML 3Page - PHOENIX CONTACT 43201404 Datasheet HTML 4Page - PHOENIX CONTACT 43201404 Datasheet HTML 5Page - PHOENIX CONTACT 43201404 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619423
08/12/2021   Page 2 / 6
Cable connector - CA-06P1N12T006S - 1619423
Technical data
Data of the insulating body
Application
Signal
Number of positions
6
Direction of rotation
Standard
Rated voltage
48 V AC
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter of signal contacts
2 mm
Litz wire cross section of signal contacts max.
2.5 mm²
Nominal current per signal contact
20 A
Housing data
Housing material
Metal
Type of locking
SPEEDCON locking
Degree of protection (when plugged in)
IP67
Thread type
M23
Cable seal data
Cable diameter
4 mm ... 6 mm
Sealing material
NBR
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
N
7
1
2
PO
3
4
5
6
Dimensional drawing
78
Ø25,8


Similar Part No. - 43201404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
43201404 PHOENIX-43201404 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43201404 PHOENIX-43201404 Datasheet
51Kb / 3P
   Crimp contact - SL-1CKS010
43201404 PHOENIX-43201404 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43201404 PHOENIX-43201404 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
43201404 PHOENIX-43201404 Datasheet
73Kb / 4P
   Device connector, front mounting - CA-07S1NA22S00
More results

Similar Description - 43201404

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
   Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
   Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
   Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
   Cable connector - CA-17S1N12T006
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com