Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43201404 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 43201404
Description  Cable connector - CA-12S1N12T006S
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201404 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  43201404 Datasheet HTML 1Page - PHOENIX CONTACT 43201404 Datasheet HTML 2Page - PHOENIX CONTACT 43201404 Datasheet HTML 3Page - PHOENIX CONTACT 43201404 Datasheet HTML 4Page - PHOENIX CONTACT 43201404 Datasheet HTML 5Page - PHOENIX CONTACT 43201404 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619412
08/12/2021   Page 1 / 6
Cable connector - CA-12S1N12T006S - 1619412
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, CA, angled, shielded: yes, SPEEDCON locking, M23, No. of pos.: 12, Direction of rotation:
Standard, type of contact: Socket, Solder connection, cable diameter range: 4 mm ... 6 mm, coding:N
Your advantages
 Angled cable outlet for confined spaces
 Can be adapted to various applications, thanks to adjustable cable outlet direction
 Safe use in the field, thanks to high degree of protection
 Connector for flexible on-site assembly
 Consistent EMC protection for reliable transmission of signals
 Reduced connection time with SPEEDCON fast locking system
 Solder connection: proven connection technology for various litz wires
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4046356824354
Technical data
Temperature range
Ambient temperature
-40 °C ... 125 °C
Data of the insulating body
Coding
N
Insulator material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles mechanical
100
Contact connection method
Solder connection
Type of contacts
Socket


Similar Part No. - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43201404 PHOENIX-43201404 Datasheet
246Kb / 6P
   Cable connector - CA-07P1N12T007S
43201404 PHOENIX-43201404 Datasheet
66Kb / 4P
   Device connector, front mounting - CA-19S1N126Z00
43201404 PHOENIX-43201404 Datasheet
43Kb / 2P
   Crimp contact - RC-6FP2000
43201404 PHOENIX-43201404 Datasheet
72Kb / 4P
   Device connector, front mounting - CA-17S1N122S00
43201404 PHOENIX-43201404 Datasheet
39Kb / 1P
   Coupler connector - SM-7EP1N8A9L02
12/10/13
More results

Similar Description - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1620277 PHOENIX-1620277 Datasheet
124Kb / 9P
   Cable connector - CA-12S1N8AT006
09/11/2020
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
   Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
   Cable connector - CA-17P1N128006
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz