Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43201404 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part No. 43201404
Description  Cable connector - CA-12S1N12T006S
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

43201404 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  43201404 Datasheet HTML 1Page - PHOENIX CONTACT 43201404 Datasheet HTML 2Page - PHOENIX CONTACT 43201404 Datasheet HTML 3Page - PHOENIX CONTACT 43201404 Datasheet HTML 4Page - PHOENIX CONTACT 43201404 Datasheet HTML 5Page - PHOENIX CONTACT 43201404 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619412
08/12/2021   Page 4 / 6
Cable connector - CA-12S1N12T006S - 1619412
Approvals
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
48 V
Nominal current IN
8 A
mm²/AWG/kcmil
18
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
48 V
Nominal current IN
6 A
mm²/AWG/kcmil
18
cULus Recognized 
 
 
Accessories
Accessories
Circular connectors (device side)
Hook wrench - SF-Z0027 - 1607455
Hook wrench
 
 
Mounting material
Torque screwdriver - SF-Z0028 - 1607456
Torque screwdriver
 
 


Similar Part No. - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
43201404 PHOENIX-43201404 Datasheet
42Kb / 2P
   Plastic dust protection cap - TU-Z2003
43201404 PHOENIX-43201404 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008
43201404 PHOENIX-43201404 Datasheet
63Kb / 4P
   Cable connector - CA-06S1N128006
43201404 PHOENIX-43201404 Datasheet
68Kb / 4P
   Device connector, rear mounting - CA-17S1N12HZ00
43201404 PHOENIX-43201404 Datasheet
241Kb / 2P
   Plastic anti-static dust protection cap - RC-Z2468
More results

Similar Description - 43201404

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
1620277 PHOENIX-1620277 Datasheet
124Kb / 9P
   Cable connector - CA-12S1N8AT006
09/11/2020
1619334 PHOENIX-1619334 Datasheet
252Kb / 6P
   Cable connector - CA-09P1N12T0DN
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
   Cable connector - CA-17P1N12T0DNS
1620181 PHOENIX-1620181 Datasheet
249Kb / 6P
   Cable connector - CA-16P1N12T008
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1619729 PHOENIX-1619729 Datasheet
64Kb / 4P
   Cable connector - CA-17P1N128006
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz