Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4151W-V-GS18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1N4151W-V-GS18
Description  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4151W-V-GS18 Datasheet(HTML) 3 Page - Vishay Siliconix

  1N4151W-V-GS18 Datasheet HTML 1Page - Vishay Siliconix 1N4151W-V-GS18 Datasheet HTML 2Page - Vishay Siliconix 1N4151W-V-GS18 Datasheet HTML 3Page - Vishay Siliconix 1N4151W-V-GS18 Datasheet HTML 4Page - Vishay Siliconix 1N4151W-V-GS18 Datasheet HTML 5Page - Vishay Siliconix 1N4151W-V-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1N4151W-V
Document Number 85721
Rev. 1.2, 06-Apr-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Forward Current vs. Forward Voltage
Figure 2. Dynamic Forward Resistance vs. Forward Current
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
18742
1000
100
10
1
0.1
0.01
0
0.4 0.6 0.8
1 1.2 1.4 1.6 1.8 2
0.2
V - Forward Voltage(V)
= 100
°C
Tj
25
°C
F
18662
1
10
100
1000
10000
110
0.1
0.01
100
IF - Forward Current ( mA )
=25
°C
Tj
f=1kHz
200
18743
Tamb - Ambient Temperature ( °C)
1000
800
600
400
200
20 40 60 80 100 120 140 160180
0
0
Figure 4. Relative Capacitance vs. Reverse Voltage
Figure 5. Leakage Current vs. Junction Temperature
18664
2468
0
1.1
1.0
0.9
0.8
0.7
10
VR - Reverse Voltage(V)
=25
°C
Tj
f=1MHz
1
18744
10
100
1000
10000
0 20
40 60 80 100 120 140 160 180 200
Tj - Junction Temperature (
° C)
=50V
VR


Similar Part No. - 1N4151W-V-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V_12 Datasheet
70Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.3, 17-Aug-10
More results

Similar Description - 1N4151W-V-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com