Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC2840 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MC2840
Description  Technical Specifications for Brushless Servo Motion Control
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC2840 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MC2840 Datasheet HTML 7Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 8Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 9Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 10Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 11Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 12Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 13Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 14Page - List of Unclassifed Manufacturers MC2840 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
MC2300 Technical Specifications
11
2 Functional Characteristics
2.1
Configurations, parameters, and performance
Available configurations
4 axes (MC2340), 2 axes (MC2320), or 1 axis (MC2310)
Operating modes
Closed loop (motor command is driven from output of servo filter)
Open loop (motor command is driven from user-programmed register)
Communication modes
8/8 parallel (8 bit external parallel bus with 8 bit internal command word size)
8/16 parallel (8 bit external parallel bus with 16 bit internal command word size)
16/16 parallel (16 bit external parallel bus with 16 bit internal command word
size)
Point to point asynchronous serial
Multidrop asynchronous serial
Serial port baud rate range
1,200 baud to 416,667 baud
Position range
-2,147,483,648 to +2,147,483,647 counts
Velocity range
-32,768 to +32,767 counts/sample with a resolution of 1/65,536 counts/sample
Acceleration/deceleration
ranges
-32,768 to +32,767 counts/sample2 with a resolution of 1/65,536 counts/sample2
Jerk range
0 to ½ counts/sample3, with a resolution of 1/4,294,967,296 counts/sample3
Profile modes
S-curve point-to-point (Velocity, acceleration, jerk, and position parameters)
Trapezoidal point-to-point (Velocity, acceleration, deceleration, and position
parameters)
Velocity-contouring (Velocity, acceleration, and deceleration parameters)
Electronic Gear (Encoder or trajectory position of one axis used to drive a second
axis. Master and slave axes and gear ratio parameters)
Electronic gear ratio range
-32,768 to +32,767 with a resolution of 1/65,536 (negative and positive direction)
Filter modes
Scalable PID + Velocity feedforward + Acceleration feedforward + Bias. Also
includes integration limit, settable derivative sampling time, and output motor
command limiting
Filter parameter resolution
16 bits
Position error tracking
Motion error window (allows axis to be stopped upon exceeding programmable
window)
Tracking window (allows flag to be set if axis exceeds a programmable position
window)
Axis settled (allows flag to be set if axis exceeds a programmable position
window for a programmable amount of time after trajectory motion is compete)
Motor output modes
PWM (10-bit resolution at 20 kHz)
DAC (16 bits)
Commutation rate
20KHz for MC2310 and MC2320, 10KHz for MC2340
Maximum encoder rate
Incremental (up to 5 Mcounts/sec)
Parallel-word (up to 160 Mcounts/sec)
Parallel encoder word size
16 bits
Parallel encoder read rate
20 kHz (reads all axes every 50
µsec)
Hall sensor inputs
3 Hall effect inputs per axis (TTL level signals)
Servo loop timing range
153.6
µsec to 32.767 milliseconds


Similar Part No. - MC2840

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
MC2840 ISAHAYA-MC2840 Datasheet
289Kb / 4P
   SMALL-SIGNAL DIODE
MC2840 ISAHAYA-MC2840 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
MC2840 ISAHAYA-MC2840_13 Datasheet
148Kb / 3P
   FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE
More results

Similar Description - MC2840

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV2B5-Q-RE ETC2-SV2B5-Q-RE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-AE ETC2-SV2A3-Q-AE Datasheet
155Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-EE ETC2-SV2A3-Q-EE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A3-Q-RE ETC2-SV2A3-Q-RE Datasheet
156Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-RE ETC2-SV2A5-Q-RE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-EE ETC2-SV2B5-Q-EE Datasheet
165Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-AE ETC2-SV2B3-Q-AE Datasheet
157Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2A5-Q-AE ETC2-SV2A5-Q-AE Datasheet
163Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B3-Q-RE ETC2-SV2B3-Q-RE Datasheet
158Kb / 3P
   Digital Servo Drive w/ On-board motion control
SV2B5-Q-AE ETC2-SV2B5-Q-AE Datasheet
235Kb / 4P
   Digital Servo Drive w/ On-board motion control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com