Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7I643682M Datasheet(PDF) 17 Page - Samsung semiconductor

Part # K7I643682M
Description  72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7I643682M Datasheet(HTML) 17 Page - Samsung semiconductor

Back Button K7I643682M Datasheet HTML 9Page - Samsung semiconductor K7I643682M Datasheet HTML 10Page - Samsung semiconductor K7I643682M Datasheet HTML 11Page - Samsung semiconductor K7I643682M Datasheet HTML 12Page - Samsung semiconductor K7I643682M Datasheet HTML 13Page - Samsung semiconductor K7I643682M Datasheet HTML 14Page - Samsung semiconductor K7I643682M Datasheet HTML 15Page - Samsung semiconductor K7I643682M Datasheet HTML 16Page - Samsung semiconductor K7I643682M Datasheet HTML 17Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7I643682M
K7I641882M
- 17 -
Rev 1.0
Aug. 2005
165 FBGA PACKAGE DIMENSIONS
C
Side View
15mm x 17mm Body, 1.0mm Bump Pitch, 11x15 Ball Array
F
B
G
A
Bottom View
Top View
B
A
D
E
E
Symbol
Value
Units
Note
Symbol
Value
Units
Note
A
15
± 0.1
mm
E
1.0
mm
B
17
± 0.1
mm
F
14.0
mm
C
1.3
± 0.1
mm
G
10.0
mm
D
0.35
± 0.05
mm
H
0.5
± 0.05
mm


Similar Part No. - K7I643682M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
More results

Similar Description - K7I643682M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H560438E-ZC SAMSUNG-K4H560438E-ZC Datasheet
359Kb / 23P
   256Mb E-die DDR SDRAM Specification 60 FBGA with Pb-Free (RoHS compliant)
K7J643682M SAMSUNG-K7J643682M Datasheet
320Kb / 17P
   72Mb M-die DDRII SRAM Specification
K7A163631B SAMSUNG-K7A163631B Datasheet
373Kb / 19P
   18MB B-DIE SYNC SRAM SPECIFICATION 100TQFP WITH PB, PB-FREE
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
Samsung semiconductor
K4H1G0438M-UC SAMSUNG-K4H1G0438M-UC Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com