Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7290820BC Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT7290820BC
Description  TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7290820BC Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT7290820BC Datasheet HTML 1Page - Integrated Device Technology IDT7290820BC Datasheet HTML 2Page - Integrated Device Technology IDT7290820BC Datasheet HTML 3Page - Integrated Device Technology IDT7290820BC Datasheet HTML 4Page - Integrated Device Technology IDT7290820BC Datasheet HTML 5Page - Integrated Device Technology IDT7290820BC Datasheet HTML 6Page - Integrated Device Technology IDT7290820BC Datasheet HTML 7Page - Integrated Device Technology IDT7290820BC Datasheet HTML 8Page - Integrated Device Technology IDT7290820BC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
COMMERCIALTEMPERATURERANGE
IDT7290820 5V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
D8-15(1)
Data Bus 8-15
I/O
These pins are the eight most significant data bits of the microprocessor port.
DTA(1)
Data Transfer
O
This active LOW output signal indicates that a data bus transfer is complete. When the bus cycle ends, this pin
Acknowledgment
drives HIGH and then goes high-impedance, allowing for faster bus cycles with a weaker pull-up resistor. A
pull-up resistor is required to hold a HIGH level when the pin is in high-impedance.
CCO(1)
Control Output
O
This is a 4.096, 8.192 or 16.384 Mb/s output containing 512, 1,024 or 2.048 bits per frame respectively. The
level of each bit is determined by the CCO bit in the connection memory. See External Drive Control Section.
ODE(1)
Output Drive Enable
I
This is the output enable control for the TX0 to TX15 serial outputs. When ODE input is LOW and the OSB
bit of the IMS register is LOW, TX0-15 are in a high-impedance state. If this input is HIGH, the TX0-15
output drivers are enabled. However, each channel may still be put into a high-impedance state by using the
per channel control bit in the connection memory.
PIN DESCRIPTION(CONTINUED):
SYMBOL
NAME
I/O
DESCRIPTION
NOTE:
1. These pins are 5V tolerant.


Similar Part No. - IDT7290820BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
More results

Similar Description - IDT7290820BC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
logo
Integrated Device Techn...
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
logo
Integrated Device Techn...
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com