Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7290820 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7290820
Description  TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7290820 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7290820 Datasheet HTML 4Page - Integrated Device Technology IDT7290820 Datasheet HTML 5Page - Integrated Device Technology IDT7290820 Datasheet HTML 6Page - Integrated Device Technology IDT7290820 Datasheet HTML 7Page - Integrated Device Technology IDT7290820 Datasheet HTML 8Page - Integrated Device Technology IDT7290820 Datasheet HTML 9Page - Integrated Device Technology IDT7290820 Datasheet HTML 10Page - Integrated Device Technology IDT7290820 Datasheet HTML 11Page - Integrated Device Technology IDT7290820 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT7290820 5V TIME SLOT INTERCHANGE
DIGITAL SWITCH 2,048 x 2,048
CONSTANT DELAY MODE (
V/C BIT = 1)
In this mode, frame integrity is maintained in all switching configurations by
making use of a multiple data memory buffer. Input channel data is written into
the data memory buffers during frame n will be read out during frame n+2. In
the IDT7290820, the minimum throughput delay achievable in the constant
delay mode will be one frame. For example, in 2.048 Mb/s mode, when input
time-slot31isswitchedtooutputtime-slot0.Themaximumdelayof94time-slots
ofdelayoccurswhentime-slot0inaframeisswitchedtotime-slot31intheframe.
See Table 3.
MICROPROCESSOR INTER.ACE
The IDT7290820 provides a parallel microprocessor interface for multi-
plexed or non-multiplexed bus structures. This interface is compatible with
Motorola non-multiplexed and multiplexed buses.
If the IM pin is low a Motorola non-multiplexed bus should be connected to
the device. If the IM pin is high, the device monitors the AS/ALE and DS/
RD to
determine what mode the IDT7290820 should operate in.
If DS/
RD is low at the rising edge of AS/ALE, then the mode 1 multiplexed
timing is selected. If DS/
RDishighattherisingedgeofAS/ALE,thenthemode
2 multiplexed bus timing is selected.
For multiplexed operation, the required signals are the 8-bit data and
address (AD0-AD7), 8-bit Data (D8-D15), Address strobe/Address latch
enable (AS/ ALE), Data strobe/Read (DS/
RD),Read/Write/Write(R/W/WR),
Chip select (
CS) and Data transfer acknowledge (DTA). See Figure 12 and
Figure 13 for multiplexed parallel microport timing.
For the Motorola non-multiplexed bus, the required signals are the 16-bit
data bus (AD0-AD7, D8-D15), 8-bit address bus (A0-A7) and 4 control lines
(
CS, DS, R/W and DTA). See Figure 14 and 15 for Motorola non-multiplexed
microporttiming.
The IDT7290820 microport provides access to the internal registers,
connectionanddatamemories.Alllocationsprovideread/writeaccessexcept
for the data memory and the frame alignment register which are read only.
MEMORY MAPPING
The address bus on the microprocessor interface selects the internal
registers and memories of the IDT7290820.
If the A7 address input is low, then A6 through A0 are used to address the
interfacemodeselection(IMS),control(CR),framealignment(FAR)andframe
input offset (FOR) registers (Table 4). If the A7 is high, then A6 through A0 are
used to select 32, 64, or 128 locations corresponding to data rate of the
ST-BUS®. The address input lines and the stream address bits (STA) of the
control register allow access to the entire data and connection memories. The
control and IMS registers together control all the major functions of the device,
see Figure 3.
As explained in the Serial Data Interface Timing and Switching Configura-
tionssections,aftersystempower-up,theIMSregistershouldbeprogrammed
immediatelytoestablishthedesiredswitchingconfiguration.
The data in the control register consists of the memory block programming
bit (MBP), the memory select bit (MS) and the stream address bits (STA). As
explained in the Memory Block Programming section, the MBP bit allows the
entire connection memory block to be programmed. The memory select bit is
used to designate the connection memory or the data Memory. The stream
addressbitsselectinternalmemorysubsectionscorrespondingtoinputoroutput
serialstreams.
The data in the IMS register consists of block programming bits (BPD0-
BPD4), block programming enable bit (BPE), output stand by bit (OSB), start
frame evaluation bit (SFE) and data rate selection bits (DR0-1). The block
programming and the block programming enable bits allows users to program
theentireconnectionmemory(seeMemoryBlockProgrammingsection).Ifthe
ODE pin is low, the OSB bit enables (if high) or disables (if low) all ST-BUS®
output drivers. If the ODE pin is high, the contents of the OSB bit is ignored and
all TX output drivers are enabled.
CONNECTION MEMORY CONTROL
The CCO pin is a 4.096, 8.192 or 16.384 Mb/s output, which carries 512,
1,024or2,048bits,respectively.ThecontentsoftheCCObitofeachconnection
memory location are output on the CCO pin once every frame. The contents
oftheCCObitsoftheconnectionmemoryaretransmittedsequentiallyontothe
CCO pin and are synchronous with the data rates on the other serial streams.
The CCO bit is output one channel before the corresponding channel on
the serial streams. For example, in 2.048 Mb/s mode (32 channels per frame),
the contents of the CCO bit in position 0 (TX0, CH0) of the connection memory
is output on the first clock cycle of channel 31 through CCO pin. The contents
of the CCO bit in position 32 (TX1, CH0) of the connection memory is output on
the second clock cycle of channel 31 via CCO pin.
If the ODE pin or the OSB bit is high, the OE bit of each connection memory
location controls the output drivers-enables (if high) or disables (if low). See
Table 5 for detail.
Theprocessorchannel(PC)bitoftheconnectionmemoryselectsbetween
Processor Mode and Connection Mode. If high, the contents of the connection
memoryareoutputontheTXstreams. Iflow,thestreamaddressbit(SAB)and
the channel address bit (CAB) of the connection memory defines the source
information(streamandchannel)ofthetime-slotthatwillbeswitchedtotheoutput
from data memory.
The
V/C(Variable/ConstantDelay)bitineachconnectionmemorylocation
allows the per-channel selection between variable and constant throughput
delay modes.
If the LPBK bit is high, the associated TX output channel data is internally
looped back to the RX input channel (i.e., RX n channel m data comes from the
TX n channel m). If the LPBK bit is low, the loopback feature is disabled. For
proper per-channel loopback operation, the contents of the frame delay offset
registers must be set to zero.
INITIALIZATION O. THE IDT7290820
After power up, the state of the connection memory is unknown. As such,
theoutputsshouldbeputinhighimpedancebyholdingtheODElow. Whilethe
ODE is low, the microprocessor can initialize the device, program the active
paths, and disable unused outputs by programming the OE bit in connection
memory. Once the device is configured, the ODE pin (or OSB bit depending
on initialization) can be switched.


Similar Part No. - IDT7290820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
More results

Similar Description - IDT7290820

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT7290820 RENESAS-IDT7290820 Datasheet
356Kb / 28P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
2009
IDT72V90823 RENESAS-IDT72V90823 Datasheet
949Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 2,048 x 2,048
DECEMBER 2002
logo
Integrated Device Techn...
IDT72V71623 IDT-IDT72V71623 Datasheet
203Kb / 28P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 2,048 x 2,048
IDT728985 IDT-IDT728985 Datasheet
119Kb / 13P
   TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT728980 RENESAS-IDT728980 Datasheet
240Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
MARCH 2017
logo
Integrated Device Techn...
IDT728981 IDT-IDT728981 Datasheet
81Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
logo
Renesas Technology Corp
IDT728981 RENESAS-IDT728981 Datasheet
279Kb / 11P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128
JANUARY 2001
IDT728985 RENESAS-IDT728985 Datasheet
410Kb / 14P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
2001
logo
Integrated Device Techn...
IDT728980 IDT-IDT728980 Datasheet
80Kb / 10P
   TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com