Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3047UH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TZA3047UH
Description  30 Mbits/s up to 1.25 Gbits/s laser drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3047UH Datasheet(HTML) 4 Page - NXP Semiconductors

  TZA3047UH Datasheet HTML 1Page - NXP Semiconductors TZA3047UH Datasheet HTML 2Page - NXP Semiconductors TZA3047UH Datasheet HTML 3Page - NXP Semiconductors TZA3047UH Datasheet HTML 4Page - NXP Semiconductors TZA3047UH Datasheet HTML 5Page - NXP Semiconductors TZA3047UH Datasheet HTML 6Page - NXP Semiconductors TZA3047UH Datasheet HTML 7Page - NXP Semiconductors TZA3047UH Datasheet HTML 8Page - NXP Semiconductors TZA3047UH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
2003 Jun 05
4
Philips Semiconductors
Product specification
30 Mbits/s up to 1.25 Gbits/s laser drivers
TZA3047A; TZA3047B
5
BLOCK DIAGRAM
handbook, full pagewidth
MDB314
100
100
20
k
20
k
100
3 (5)
(44, 45) 25
(43) 24
(40, 41) 22
(37, 39) 21
(31, 32) 20
(29, 30) 19
DIN
VCCO
BIAS
GND
LA
LA
LAQ
LAQ
GND
PWA
RREF
MAXMON
VTEMP
MAXOP
ALMON
ALOP
4 (6)
D
C
DINQ
20
k
20
k
10
k
100
6 (12)
VCCD − 1.32 V
5 (11)
CIN
TEST
2 (3, 4)
VCCD
1 (1, 2)
VCCA
8
GND
(14, 47)
GNDESD
(7, 8, 9,
10, 26)
GNDRF
9 (15)
10 (16)
ENABLE
R
Q
ALRESET
1.4 V
3.3 V
enable
Imod/1500
disable retiming:
VCIN, VCINQ < 0.3 V
IBIAS/750
Iav(MON)/12.5
20
k
1.4 V
7 (13)
CINQ
CONTROL BLOCK
CURRENT
CONVERSION
AVR
ER
MODOUT
MODIN
BIASOUT
BIASIN
MON
Ione
IMON
Imod
IBIAS
Izero
dual loop: IER = 1.2 V/RER
average loop: ER = GND
MUX
FF
PULSE
WIDTH
ADJUST
ALARM
OPERATING
CURRENT
PRE
AMP
TZA3047A
TZA3047B
POST
AMP
V/I
100
mA/V
100
mA/V
R
Q
ALARM
MONITOR
CURRENT
V AND I
REFERENCE
+
23
18
(27) 17
16 (25)
15 (24)
14 (23)
13 (21)
12 (19)
11 (18)
30 (55)
31 (56)
GNDCCB
(51, 53)
ACDC
(46)
32 (57)
29 (52)
28 (50)
27 (49)
26 (48)
GNDO
(28, 33,
35, 36, 42)
i.c.
(20, 22,
34, 38, 54)
GNDRF
(26)
GNDDFT
(17)
V/I
100
µA
100
µA
Fig.1 Block diagram.
The numbers in parenthesis refer to the bare die version.


Similar Part No. - TZA3047UH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3041 PHILIPS-TZA3041 Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041BHL PHILIPS-TZA3041BHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041U PHILIPS-TZA3041U Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results

Similar Description - TZA3047UH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com