Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZA3047B Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TZA3047B
Description  30 Mbits/s up to 1.25 Gbits/s laser drivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TZA3047B Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TZA3047B Datasheet HTML 6Page - NXP Semiconductors TZA3047B Datasheet HTML 7Page - NXP Semiconductors TZA3047B Datasheet HTML 8Page - NXP Semiconductors TZA3047B Datasheet HTML 9Page - NXP Semiconductors TZA3047B Datasheet HTML 10Page - NXP Semiconductors TZA3047B Datasheet HTML 11Page - NXP Semiconductors TZA3047B Datasheet HTML 12Page - NXP Semiconductors TZA3047B Datasheet HTML 13Page - NXP Semiconductors TZA3047B Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
2003 Jun 05
10
Philips Semiconductors
Product specification
30 Mbits/s up to 1.25 Gbits/s laser drivers
TZA3047A; TZA3047B
10 DC CHARACTERISTICS
Tamb = −40 to +85 °C; Rth(j-a) = 35 K/W; Ptot = 400 mW; VCCA = 3.14 to 3.47 V; VCCD = 3.14 to 3.47 V;
VCCO = 3.14 to 3.47 V; RAVR = 7.5 kΩ;RER =62kΩ;RMODIN = 6.2 kΩ;RBIASIN = 6.8 kΩ;RPWA =10kΩ;RRREF =10kΩ;
RMAXMON =13kΩ; RMAXOP =20kΩ; positive currents flow into the IC; all voltages are referenced to ground; unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies: pins VCCA,VCCD and VCCO
VCCA
analog supply voltage
3.14
3.3
3.47
V
VCCD
digital supply voltage
3.14
3.3
3.47
V
VCCO
RF output supply voltage
3.3 V laser supply
3.14
3.3
3.47
V
5 V laser supply
4.75
5.0
5.25
V
ICCA
analog supply current
30
40
50
mA
ICCD
digital supply current
35
45
55
mA
ICCO
RF output supply current
pins LA and LAQ open-circuit
3.3 V laser supply
8
15
25
mA
5 V laser supply
20
mA
Pcore
core power dissipation
core excluding output currents
Io(LA),Io(LAQ) and IBIAS; PWA and
retiming off
264
mW
Ptot
total power dissipation
VBIAS = 3.3 V; IBIAS = 20 mA;
Imod = 16 mA; note 1
330
400
500
mW
Data and clock inputs: pins DIN and CIN
Vi(p-p)
input voltage swing
(peak-to-peak value)
Vi(DIN) =(VCCD − 2V)toVCCD;
Vi(CIN) =(VCCD − 2V)toVCCD
100
1000
mV
Vint(cm)
internal common mode
voltage
AC-coupled inputs
VCCD − 1.32 −
V
VIO
input offset voltage
note 2
−10
0
+10
mV
Zi(dif)
differential input
impedance
80
100
125
Zi(cm)
common mode input
impedance
810
13
k
Vi(CIN)(dis)
input voltage for disabled
retiming
VCIN =VCINQ
−−
0.3
V
Monitor photodiode input: pin MON
Vi(MON)
input voltage
IMON =50to2500 µA
0.9
1.1
1.3
V
Zi(MON)
input impedance
IMON = 50 to 2500 µA
27
−Ω
Extinction ratio setting for dual-loop control: pins MON and ER
ERmin
low extinction ratio setting
dual-loop set-up; IER > −30 µA;
note 3
linear scale
57
dB scale
7
8.5
dB


Similar Part No. - TZA3047B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3041 PHILIPS-TZA3041 Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041AHL PHILIPS-TZA3041AHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041BHL PHILIPS-TZA3041BHL Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3041U PHILIPS-TZA3041U Datasheet
153Kb / 32P
   Gigabit Ethernet/Fibre Channel laser drivers
2002 Aug 13
TZA3043 PHILIPS-TZA3043 Datasheet
196Kb / 28P
   Gigabit Ethernet/Fibre Channel transimpedance amplifier
2000 Mar 28
More results

Similar Description - TZA3047B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TZA3017HW PHILIPS-TZA3017HW Datasheet
220Kb / 52P
   30 Mbits/s up to 3.2 Gbits/s A-rate fibre optic transmitter
2003 May 14
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
logo
Agere Systems
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com