Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1619334 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1619334
Description  Cable connector - CA-09P1N12T0DN
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1619334 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1619334 Datasheet HTML 1Page - PHOENIX CONTACT 1619334 Datasheet HTML 2Page - PHOENIX CONTACT 1619334 Datasheet HTML 3Page - PHOENIX CONTACT 1619334 Datasheet HTML 4Page - PHOENIX CONTACT 1619334 Datasheet HTML 5Page - PHOENIX CONTACT 1619334 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1619334
08/12/2021   Page 4 / 6
Cable connector - CA-09P1N12T0DN - 1619334
Approvals
Approvals
UL Recognized / cUL Recognized / cULus Recognized
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
48 V
Nominal current IN
8 A
mm²/AWG/kcmil
18
cUL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
48 V
Nominal current IN
6 A
mm²/AWG/kcmil
18
cULus Recognized 
 
 
Accessories
Accessories
Circular connectors (device side)
Hook wrench - SF-Z0027 - 1607455
Hook wrench
 
 
Mounting material


Similar Part No. - 1619334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619330 PHOENIX-1619330 Datasheet
398Kb / 11P
   CA-12P1N12T0DN - Cable connector
1619331 PHOENIX-1619331 Datasheet
241Kb / 6P
   Cable connector - CA-12S1N12T0DN
1619333 PHOENIX-1619333 Datasheet
487Kb / 15P
   CA-09S1N8AT0DN - Cable connector
1619335 PHOENIX-1619335 Datasheet
247Kb / 6P
   Cable connector - CA-09S1N12T0DN
1619337 PHOENIX-1619337 Datasheet
435Kb / 13P
   CA-07S1N8AT0DN - Cable connector
More results

Similar Description - 1619334

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1619344 PHOENIX-1619344 Datasheet
252Kb / 6P
   Cable connector - CA-19P1N12T008S
1619366 PHOENIX-1619366 Datasheet
244Kb / 6P
   Cable connector - CA-07S1N12T008S
1619725 PHOENIX-1619725 Datasheet
65Kb / 4P
   Cable connector - CA-19P1N128006
1620290 PHOENIX-1620290 Datasheet
252Kb / 6P
   Cable connector - CA-06P1N12T006
1620213 PHOENIX-1620213 Datasheet
250Kb / 6P
   Cable connector - CA-19P1N12T007
1620217 PHOENIX-1620217 Datasheet
260Kb / 6P
   Cable connector - CA-17P1N12T007
1620268 PHOENIX-1620268 Datasheet
241Kb / 6P
   Cable connector - CA-17S1N12T006
1619353 PHOENIX-1619353 Datasheet
241Kb / 6P
   Cable connector - CA-16S1N12T008S
1619374 PHOENIX-1619374 Datasheet
242Kb / 6P
   Cable connector - CA-19S1N12T007S
1619429 PHOENIX-1619429 Datasheet
262Kb / 6P
   Cable connector - CA-17P1N12T0DNS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com