Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3225TB Datasheet(PDF) 4 Page - California Eastern Labs

Part No. UPC3225TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3225TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC3225TB Datasheet HTML 1Page - California Eastern Labs UPC3225TB Datasheet HTML 2Page - California Eastern Labs UPC3225TB Datasheet HTML 3Page - California Eastern Labs UPC3225TB Datasheet HTML 4Page - California Eastern Labs UPC3225TB Datasheet HTML 5Page - California Eastern Labs UPC3225TB Datasheet HTML 6Page - California Eastern Labs UPC3225TB Datasheet HTML 7Page - California Eastern Labs UPC3225TB Datasheet HTML 8Page - California Eastern Labs UPC3225TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
VCC
TA = +25
°C, Pin 1 and 3
6
V
Total Circuit Current
ICC
TA = +25
°C
45
mA
Power Dissipation
PD
TA = +85 C
Note
270
mW
Operating Ambient Temperature
TA
40 to +85
°C
Storage Temperature
Tstg
55 to +150
°C
Input Power
Pin
TA = +25
°C
0
dBm
Note Mounted on double-sided copper-clad 50
50
1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC
The same voltage should be applied
to pin 1 and 3.
4.5
5.0
5.5
V
Operating Ambient Temperature
TA
40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TA = +25
°C, VCC = Vout = 5.0 V, ZS = ZL = 50 )
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
20.0
24.5
31.0
mA
f = 0.95 GHz, Pin = 35.0 dBm
30.0
32.5
35.0
dB
Power Gain
GP
f = 2.15 GHz, Pin = 35.0 dBm
30.5
33.5
36.0
f = 0.95 GHz, Pin =
5.0 dBm
+13.5
+15.5
dBm
Saturated Output Power
PO (sat)
f = 2.15 GHz, Pin =
5.0 dBm
+10.5
+12.5
f = 0.95 GHz
+7.0
+9.0
dBm
Gain 1 dB Compression Output Power
PO (1 dB)
f = 2.15 GHz
+5.0
+7.0
f = 0.95 GHz
3.7
4.5
dB
Noise Figure
NF
f = 2.15 GHz
3.7
4.5
Upper Limit Operating Frequency
fu
3 dB down below flat gain at f = 0.95
GHz
2.8
GHz
f = 0.95 GHz, Pin = 35.0 dBm
36.0
41.0
dB
Isolation
ISL
f = 2.15 GHz, Pin = 35.0 dBm
36.0
45.0
f = 0.95 GHz, Pin = 35.0 dBm
7.0
8.5
dB
Input Return Loss
RLin
f = 2.15 GHz, Pin = 35.0 dBm
8.0
11.0
f = 0.95 GHz, Pin = 35.0 dBm
7.0
10.5
dB
Output Return Loss
RLout
f = 2.15 GHz, Pin = 35.0 dBm
9.5
13.0
Gain Flatness
GP
f = 0.95 to 2.15 GHz
2.5
4.0
dB
Data Sheet PU10500EJ01V0DS
4
UPC3225TB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn