Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2574 Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC2574
Description  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574 Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC2574 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2574 Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
Procedure (Adjustable Output Version): (TC2574-ADJ) (Continued)
Procedure
Example
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the
maximum load current. For a robust design, the diode
should have a current rating equal to the maximum
current limit of the TC2574 to be able to with stand a
continuous output short.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor
Volt x microsecond [V x
µs] constant:
E x T = ( VIN – VOUT)
VOUT
x
10
6
[V x
µsec]
VIN
F[Hz]
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value
Selection Guide shown in Figure 39. This E x T constant
is a measure of the energy handling capability of an
inductor and is dependent upon the type of core, the core
area, the number of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected
by the E x T value and the maximum load current value
on the horizontal axis shown in Figure 8.
D. From the inductor code, identify the inductor value. Then
select an appropriate inductor from Table 2. The inductor
chosen must be rated for a switching frequency of 52kHz
and for a current rating of 1.15 x ILOAD . The inductor
current rating can also be determined by calculating the
inductor peak current:
IP (max) = ILOAD(max) +
(VIN – VOUT) tON
2L
where tON is the "on" time of the power switch and
tON =
(VOUT
x
1.0 )
VIN
fOSC
For additional information about the inductor, see
the inductor section in the “EXTERNAL COMPONENTS”
section of this data sheet.
3. Catch Diode Selection (D1)
A. For this example, a 1.0A current rating is adequate.
B. Use a 50V MBR150 Schottky diode or any suggested
fast recovery diodes in Table 1.
4. Inductor Selection (L1)
A. Calculate E x T [V x
µsec] constant:
E x T = (40 – 24) x
24
x
1000
= 105[V x
µsec]
40
52
B. E x T = 185 [V x
µsec]
C. ILOAD(max) = 0.4 A
Inductance Region = 1000
D. Proper inductor value = 1000
µH
Choose the inductor from Table 2.


Similar Part No. - TC2574

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

Similar Description - TC2574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com